Electronic Components Datasheet Search
  English  ▼

X  

HD64F2649 Datasheet(PDF) 39 Page - Renesas Technology Corp

Part # HD64F2649
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2649 Datasheet(HTML) 39 Page - Renesas Technology Corp

Back Button HD64F2649 Datasheet HTML 35Page - Renesas Technology Corp HD64F2649 Datasheet HTML 36Page - Renesas Technology Corp HD64F2649 Datasheet HTML 37Page - Renesas Technology Corp HD64F2649 Datasheet HTML 38Page - Renesas Technology Corp HD64F2649 Datasheet HTML 39Page - Renesas Technology Corp HD64F2649 Datasheet HTML 40Page - Renesas Technology Corp HD64F2649 Datasheet HTML 41Page - Renesas Technology Corp HD64F2649 Datasheet HTML 42Page - Renesas Technology Corp HD64F2649 Datasheet HTML 43Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 766 page
background image
Section 1 Overview
Rev. 2.00 Dec. 05, 2005 Page 1 of 724
REJ09B0200-0200
Section 1 Overview
1.1
Features
• High-speed H8S/2600 central processing unit with 16-bit architecture
 Upward-compatible with H8/300 and H8/300H CPUs on an object level
 Sixteen 16-bit general registers
 Sixty-nine basic instructions
• Various peripheral functions
 PC break controller (PBC)
 Data transfer controller (DTC)
 16-bit timer pulse unit (TPU)
 Programmable pulse generator (PPG)
 Controller area network (HCAN)
 Watchdog timer (WDT)
 Asynchronous or clocked synchronous serial communication interface (SCI)
 Motor control PWM timer
 LCD controller/driver
 10-bit A/D converter
 Clock pulse generator
• On-chip memory
ROM
Product Code
ROM
RAM
Remarks
Flash memory version
HD64F2649
256 kbytes
6 kbytes
Masked ROM version
HD6432649
256 kbytes
6 kbytes
Under planning
• General I/O ports
 I/O pins: 97
 Input pins: 16
• Supports various power-down modes
• Compact package
Package
(Code)
Body Size
Pin Pitch
QFP-144
FP-144G
20.0
× 20.0 mm
0.5 mm



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com