Electronic Components Datasheet Search
  English  ▼

X  

HD64F2649 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # HD64F2649
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2649 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button HD64F2649 Datasheet HTML 54Page - Renesas Technology Corp HD64F2649 Datasheet HTML 55Page - Renesas Technology Corp HD64F2649 Datasheet HTML 56Page - Renesas Technology Corp HD64F2649 Datasheet HTML 57Page - Renesas Technology Corp HD64F2649 Datasheet HTML 58Page - Renesas Technology Corp HD64F2649 Datasheet HTML 59Page - Renesas Technology Corp HD64F2649 Datasheet HTML 60Page - Renesas Technology Corp HD64F2649 Datasheet HTML 61Page - Renesas Technology Corp HD64F2649 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 766 page
background image
Section 2 CPU
Rev. 2.00 Dec. 05, 2005 Page 20 of 724
REJ09B0200-0200
2.2.2
Advanced Mode
• Address Space
Linear access to a 16-Mbyte maximum address space is provided.
• Extended Registers (En)
The extended registers (E0 to E7) can be used as 16-bit registers, or as the upper 16-bit
segments of 32-bit registers or address registers.
• Instruction Set
All instructions and addressing modes can be used.
• Exception Vector Table and Memory Indirect Branch Addresses
In advanced mode, the top area starting at H'00000000 is allocated to the exception vector
table in units of 32 bits. In each 32 bits, the upper 8 bits are ignored and a branch address is
stored in the lower 24 bits (figure 2.3). For details of the exception vector table, see section 4,
Exception Handling.
H'00000000
H'00000003
H'00000004
H'0000000B
H'0000000C
H'00000010
H'00000008
H'00000007
Reserved
Reserved
Reserved
Reserved
Reserved
Exception vector 1
Exception vector 2
Exception vector 3
Exception vector 4
Exception vector table
Exception vector 5
Figure 2.3 Exception Vector Table (Advanced Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com