Electronic Components Datasheet Search
  English  ▼

X  

HD64F2649 Datasheet(PDF) 49 Page - Renesas Technology Corp

Part # HD64F2649
Description  Renesas 16-Bit Single-Chip Microcomputer H8S Family/H8S/2600 Series
PDF  766 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD64F2649 Datasheet(HTML) 49 Page - Renesas Technology Corp

Back Button HD64F2649 Datasheet HTML 45Page - Renesas Technology Corp HD64F2649 Datasheet HTML 46Page - Renesas Technology Corp HD64F2649 Datasheet HTML 47Page - Renesas Technology Corp HD64F2649 Datasheet HTML 48Page - Renesas Technology Corp HD64F2649 Datasheet HTML 49Page - Renesas Technology Corp HD64F2649 Datasheet HTML 50Page - Renesas Technology Corp HD64F2649 Datasheet HTML 51Page - Renesas Technology Corp HD64F2649 Datasheet HTML 52Page - Renesas Technology Corp HD64F2649 Datasheet HTML 53Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 766 page
background image
Section 1 Overview
Rev. 2.00 Dec. 05, 2005 Page 11 of 724
REJ09B0200-0200
Type
Symbol
Pin No.
I/O
Name and Function
Clock
PLLVss
86
Input
Ground pin for on-chip PLL oscillator
PLLCAP
87
Input
External capacitance pin for on-chip PLL
oscillator
XTAL
94
Input
EXTAL
96
Input
Connects to a crystal oscillator.
See section 20, Clock Pulse Generator,
for typical connection diagrams for a
crystal oscillator.
The EXTAL pin can also input an
external clock.
OSC1
89
Input
OSC2
90
Input
Connects to a 32.768-MHz crystal
oscillator. See section 20, Clock Pulse
Generator, for typical connection
diagrams for a crystal oscillator.
φ
100
Output
Supplies the system clock to an external
device.
Operating mode
control
MD2 to
MD0
72 to 74
Input
These pins set the operating mode.
These pins should not be changed while
this LSI is operating.
System control
RES
83
Input
Reset pin
When this pin is driven low, the chip is
reset.
STBY
85
Input
When this pin is driven low, a transition
is made to hardware standby mode.
FWE
97
Input
Pin for flash memory
Interrupts
NMI
84
Input
Requests a nonmaskable interrupt.
When this pin is not used, it should be
fixed high.
IRQ5 to
IRQ0
80, 77, 99,
98, 107,
105
Input
These pins request a maskable
interrupt.
Address bus
A23 to A0
46 to 43,
50 to 47,
37 to 22
Output
These pins output an address.
Data bus
D15 to D0
20 to 13,
11 to 4
I/O
These pins constitute a bidirectional
data bus.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com