| Electronic Components Datasheet Search |
|
HD64F2649 Datasheet(PDF) 28 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
HD64F2649 Datasheet(HTML) 28 Page - Renesas Technology Corp |
|
28 / 766 page ![]() Rev. 2.00 Dec. 05, 2005 Page xxviii of xxxviii Figure 10.46 Conflict between TCNT Write and Increment Operations.................................... 306 Figure 10.47 Conflict between TGR Write and Compare Match ............................................... 307 Figure 10.48 Conflict between Buffer Register Write and Compare Match .............................. 308 Figure 10.49 Conflict between TGR Read and Input Capture.................................................... 309 Figure 10.50 Conflict between TGR Write and Input Capture................................................... 310 Figure 10.51 Conflict between Buffer Register Write and Input Capture .................................. 311 Figure 10.52 Conflict between Overflow and Counter Clearing ................................................ 312 Figure 10.53 Conflict between TCNT Write and Overflow ....................................................... 313 Section 11 Programmable Pulse Generator (PPG) Figure 11.1 Block Diagram of PPG............................................................................................ 316 Figure 11.2 PPG Output Operation ............................................................................................ 325 Figure 11.3 Timing of Transfer and Output of NDR Contents (Example) ................................. 326 Figure 11.4 Setup Procedure for Normal Pulse Output (Example) ............................................ 327 Figure 11.5 Normal Pulse Output Example (Five-Phase Pulse Output)..................................... 328 Figure 11.6 Non-Overlapping Pulse Output ............................................................................... 329 Figure 11.7 Non-Overlapping Operation and NDR Write Timing ............................................. 330 Figure 11.8 Setup Procedure for Non-Overlapping Pulse Output (Example)............................. 331 Figure 11.9 Non-Overlapping Pulse Output Example (Four-Phase Complementary)................ 332 Figure 11.10 Inverted Pulse Output (Example) .......................................................................... 334 Figure 11.11 Pulse Output Triggered by Input Capture (Example)............................................ 335 Section 12 Watchdog Timer (WDT) Figure 12.1 Block Diagram of WDT_0 ...................................................................................... 338 Figure 12.2 Block Diagram of WDT_1 ...................................................................................... 338 Figure 12.3 (a) WDT_0 Operation in Watchdog Timer Mode ................................................... 345 Figure 12.3 (b) WDT_1 Operation in Watchdog Timer Mode................................................... 345 Figure 12.4 Writing to TCNT, TCSR, and RSTCSR (example for WDT0)............................... 347 Figure 12.5 Contention between TCNT Write and Increment.................................................... 348 Section 13 Serial Communication Interface (SCI) Figure 13.1 Block Diagram of SCI............................................................................................. 352 Figure 13.2 Data Format in Asynchronous Communication (Example with 8-Bit Data, Parity, Two Stop Bits).................................................. 373 Figure 13.3 Receive Data Sampling Timing in Asynchronous Mode ........................................ 375 Figure 13.4 Relationship between Output Clock and Transfer Data Phase (Asynchronous Mode)............................................................................................. 376 Figure 13.5 Sample SCI Initialization Flowchart ....................................................................... 377 Figure 13.6 Example of Operation in Transmission in Asynchronous Mode (Example with 8-Bit Data, Parity, One Stop Bit).................................................... 378 Figure 13.7 Sample Serial Transmission Flowchart ................................................................... 379 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |