Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 75 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 75 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 71Page - Renesas Technology Corp R8C23 Datasheet HTML 72Page - Renesas Technology Corp R8C23 Datasheet HTML 73Page - Renesas Technology Corp R8C23 Datasheet HTML 74Page - Renesas Technology Corp R8C23 Datasheet HTML 75Page - Renesas Technology Corp R8C23 Datasheet HTML 76Page - Renesas Technology Corp R8C23 Datasheet HTML 77Page - Renesas Technology Corp R8C23 Datasheet HTML 78Page - Renesas Technology Corp R8C23 Datasheet HTML 79Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 549 page
background image
R8C/22 Group, R8C/23 Group
7. Programmable I/O Ports
Rev.2.00 Aug 20, 2008
Page 55 of 501
REJ09B0251-0200
Figure 7.9
PDi (i = 0 to 4 and 6) Registers
Figure 7.10
Pi (i = 0 to 4 and 6) Registers
Port Pi Direction Register (i = 0 to 4, 6)
(1,2)
Symbol
Address
After Reset
PD0(3)
00E2h
00h
PD1
00E3h
00h
PD2
00E6h
00h
PD3
00E7h
00h
PD4
00EAh
00h
PD6
00EEh
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
PDi_3
Port Pi_3 direction bit
PDi_5
Port Pi_0 direction bit
Port Pi_1 direction bit
Port Pi_4 direction bit
Port Pi_2 direction bit
PDi_4
RW
RW
Port Pi_5 direction bit
RW
0 : Input mode
(functions as an input port)
1 : Output mode
(functions as an output port)
RW
RW
Port Pi_6 direction bit
RW
b7 b6 b5 b4 b3 b2
PDi_2
b1 b0
PDi_1
PDi_0
Write to the PD0 register w ith the next instruction after that used to set the PRC2 bit in the PRCR register to 1 (w rite
enabled).
PDi_6
RW
Nothing is assigned to the PD4_0 to PD4_2, PD4_6 and PD4_7 bits in the PD4 register.
When w riting to the PD4_0 to PD4_2, PD4_6 and PD4_7 bits in the PD4 register, w rite 0 (input mode). When read, its
content is 0.
PDi_7
Port Pi_7 direction bit
RW
Nothing is assigned to the PD3_2 and PD3_6 bits in the PD3 register.
When w riting to the PD3_2 and PD3_6 bits , w rite 0 (input mode). When read, its content is 0.
Port Pi Register (i = 0 to 4, 6)
(1,2)
Symbol
Address
After Reset
P0
00E0h
Indeterminate
P1
00E1h
Indeterminate
P2
00E4h
Indeterminate
P3
00E5h
Indeterminate
P4
00E8h
Indeterminate
P6
00ECh
Indeterminate
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2. Nothing is assigned to the P4_0 and P4_1 bits in the P4 register.
When w rite to the P4_0 and P4_1 bits, w rite 0 (“L” level). When read, its content is 0.
Nothing is assigned to the P3_2 and P3_6 bits in the P3 register.
When w riting to the P3_2 and P3_6 bits, w rite 0 (“L” level). When read, its content is 0.
Pi_7
Pi_6
RW
b3 b2 b1 b0
Pi_1
Pi_5
Pi_0
Pi_2
Pi_4
Pi_3
b7 b6 b5 b4
Port Pi_0 bit
Port Pi_1 bit
Port Pi_7 bit
Port Pi_5 bit
Port Pi_4 bit
Port Pi_3 bit
RW
Port Pi_6 bit
RW
Port Pi_2 bit
RW
The pin level on any I/O port w hich is set
for input mode can be read by reading the
corresponding bit in this register. The pin
level on any I/O port w hich is set for
output mode can be controlled by w riting
to the corresponding bit in this register.
0 : “L” level
1 : “H” level
RW
RW
RW
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com