Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 85Page - Renesas Technology Corp R8C23 Datasheet HTML 86Page - Renesas Technology Corp R8C23 Datasheet HTML 87Page - Renesas Technology Corp R8C23 Datasheet HTML 88Page - Renesas Technology Corp R8C23 Datasheet HTML 89Page - Renesas Technology Corp R8C23 Datasheet HTML 90Page - Renesas Technology Corp R8C23 Datasheet HTML 91Page - Renesas Technology Corp R8C23 Datasheet HTML 92Page - Renesas Technology Corp R8C23 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 549 page
background image
R8C/22 Group, R8C/23 Group
8. Processor Mode
Rev.2.00 Aug 20, 2008
Page 69 of 501
REJ09B0251-0200
8.
Processor Mode
8.1
Processor Modes
Single-chip mode can be selected as processor mode.
Table 8.1 lists Features of Processor Mode. Figure 8.1 shows the PM0 Register and Figure 8.2 shows the PM1
Register.
Figure 8.1
PM0 Register
Figure 8.2
PM1 Register
Table 8.1
Features of Processor Mode
Processor Mode
Accessible Areas
Pins Assignable as I/O Port Pins
Single-chip mode
SFR, internal RAM, internal ROM All pins are I/O ports or peripheral
function I/O pins
Processor Mode Register 0
(1)
Symbol
Address
After Reset
PM0
0004h
00h
Bit Symbol
Bit Name
Function
RW
NOTE:
1.
RW
Reserved bits
Set to 0
Set the PRC1 bit in the PRCR register to 1 (enables w riting) before rew riting to the PM0 register.
The MCU is reset w hen this bit is set to 1.
When read, its content is 0.
RW
—
(b7-b4)
PM03
Softw are reset bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
b7 b6 b5 b4 b3 b2
—
b1 b0
00
0
—
(b2-b0)
Processor Mode Register 1
(1)
Symbol
Address
After Reset
PM1
0005h
00h
Bit Symbol
Bit Name
Function
RW
NOTES :
1.
2.
0
—
(b1-b0)
RW
Reserved bits
Set to 0
b7 b6 b5 b4 b3 b2
—
b1 b0
00
0 : Watchdog timer interrupt
1 : Watchdog timer reset(2)
RW
—
(b6-b3)
PM12
WDT interrupt/reset sw itch bit
Nothing is assigned. If necessary, set to 0.
When read, the content is 0.
The PM12 bit is set to 1 by a program (it remains unchanged even if it is set to 0).
When the CSPRO bit in the CSPR register is set to 1 (selects count source protect mode), the PM12 bit is
automatically set to 1.
Reserved bit
Set to 0
Set the PRC1 bit in the PRCR register to 1 (enables w riting) before rew riting to the PM1 register.
—
(b7)
RW



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com