Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 28 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 28 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 24Page - Renesas Technology Corp R8C23 Datasheet HTML 25Page - Renesas Technology Corp R8C23 Datasheet HTML 26Page - Renesas Technology Corp R8C23 Datasheet HTML 27Page - Renesas Technology Corp R8C23 Datasheet HTML 28Page - Renesas Technology Corp R8C23 Datasheet HTML 29Page - Renesas Technology Corp R8C23 Datasheet HTML 30Page - Renesas Technology Corp R8C23 Datasheet HTML 31Page - Renesas Technology Corp R8C23 Datasheet HTML 32Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 549 page
background image
R8C/22 Group, R8C/23 Group
1. Overview
Rev.2.00 Aug 20, 2008
Page 8 of 501
REJ09B0251-0200
1.6
Pin Functions
Table 1.5 lists the Pin Functions and Table 1.6 lists the Pin Name Information by Pin Number.
I: Input
O: Output
I/O: Input and output
Table 1.5
Pin Functions
Type
Symbol
I/O Type
Description
Power Supply Input
VCC
VSS
I
Apply 2.7 V to 5.5 V to the VCC pin. Apply 0 V to the
VSS pin.
Analog Power Supply
Input
AVCC, AVSS
I
Applies the power supply for the A/D converter. Connect
a capacitor between AVCC and AVSS.
Reset Input
RESET
I
Input “L” on this pin resets the MCU.
MODE
MODE
I
Connect this pin to VCC via a resistor.
XIN Clock Input
XIN
I
These pins are provided for the XIN clock generation
circuit I/O. Connect a ceramic resonator or a crystal
oscillator between the XIN and XOUT pins. To use an
externally derived clock, input it to the XIN pin and leave
the XOUT pin open.
XIN Clock Output
XOUT
O
INT Interrupt Input
INT0 to INT3
IINT interrupt input pins.
INT0 Timer RD input pins.
INT1 Timer RA input pins.
Key Input Interrupt
KI0 to KI3
I
Key input interrupt input pins.
Timer RA
TRAIO
I/O
Timer RA I/O pin.
TRAO
O
Timer RA output pin.
Timer RB
TRBO
O
Timer RB output pin.
Timer RD
TRDIOA0, TRDIOA1,
TRDIOB0, TRDIOB1,
TRDIOC0, TRDIOC1,
TRDIOD0, TRDIOD1
I/O
Timer RD I/O ports.
TRDCLK
I
External clock input pin.
Timer RE
TREO
O
Divided clock output pin.
Serial Interface
CLK0
I/O
Transfer clock I/O pin.
RXD0, RXD1
I
Serial data input pins.
TXD0, TXD1
O
Serial data output pins.
I2C Bus Interface
SCL
I/O
Clock I/O pin.
SDA
I/O
Data I/O pin.
Clock Synchronous
Serial I/O with Chip
Select
SSI
I/O
Data I/O pin.
SCS
I/O
Chip-select signal I/O pin.
SSCK
I/O
Clock I/O pin.
SSO
I/O
Data I/O pin.
CAN Module
CRX0
I
CAN data input pin.
CTX0
O
CAN data output pin.
Reference Voltage Input VREF
I
Reference voltage input pin to A/D converter.
A/D Converter
AN0 to AN11
I
Analog input pins to A/D converter.
I/O Port
P0_0 to P0_7,
P1_0 to P1_7,
P2_0 to P2_7,
P3_0, P3_1,
P3_3 to P3_5, P3_7,
P4_3 to P4_5,
P6_0 to P6_7
I/O
CMOS I/O ports. Each port contains an input/output
select direction register, allowing each pin in that port to
be directed for input or output individually.
Any port set to input can select whether to use a pull-up
resistor or not by a program.
Input Port
P4_2, P4_6, P4_7
I
Input only ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com