Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 25 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 25 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 21Page - Renesas Technology Corp R8C23 Datasheet HTML 22Page - Renesas Technology Corp R8C23 Datasheet HTML 23Page - Renesas Technology Corp R8C23 Datasheet HTML 24Page - Renesas Technology Corp R8C23 Datasheet HTML 25Page - Renesas Technology Corp R8C23 Datasheet HTML 26Page - Renesas Technology Corp R8C23 Datasheet HTML 27Page - Renesas Technology Corp R8C23 Datasheet HTML 28Page - Renesas Technology Corp R8C23 Datasheet HTML 29Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 549 page
background image
R8C/22 Group, R8C/23 Group
1. Overview
Rev.2.00 Aug 20, 2008
Page 5 of 501
REJ09B0251-0200
1.4
Product Information
Table 1.3 lists Product Information for R8C/22 Group and Table 1.4 lists Product Information for R8C/23 Group.
NOTE:
1. Do not use addresses 20000h to 23FFFh because these areas are used for the emulator debugger.
Refer to 24. Notes on Emulator Debugger.
Figure 1.2
Type Number, Memory Size, and Package of R8C/22 Group
Table 1.3
Product Information for R8C/22 Group
Current of Aug. 2008
Type No.
ROM Capacity
RAM Capacity
Package Type
Remarks
R5F21226DFP
32 Kbytes
2 Kbytes
PLQP0048KB-A
D version
Flash memory
version
R5F21227DFP
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21228DFP
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F21226JFP
32 Kbytes
2 Kbytes
PLQP0048KB-A
J version
R5F21227JFP
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21228JFP
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F2122AJFP
96 Kbytes
5 Kbytes
PLQP0048KB-A
R5F2122CJFP
128 Kbytes(1)
6 Kbytes
PLQP0048KB-A
R5F21226KFP
32 Kbytes
2 Kbytes
PLQP0048KB-A
K version
R5F21227KFP
48 Kbytes
2.5 Kbytes
PLQP0048KB-A
R5F21228KFP
64 Kbytes
3 Kbytes
PLQP0048KB-A
R5F2122AKFP
96 Kbytes
5 Kbytes
PLQP0048KB-A
R5F2122CKFP
128 Kbytes(1)
6 Kbytes
PLQP0048KB-A
Part number
R 5 F 21 22 6 J XXX FP
Package type:
FP: PLQP0048KB-A
(0.5 mm pin-pitch, 7 mm square body)
ROM number
Classification
D: Operating ambient temperature -40°C to 85°C (D version)
J: Operating ambient temperature -40°C to 85°C (J version)
K: Operating ambient temperature -40°C to 125°C (K version)
ROM capacity
6: 32 KB
7: 48 KB
8: 64 KB
A: 96 KB
C: 128 KB
R8C/22 Group
R8C/2x Series
Memory type
F: Flash memory version
Renesas MCU
Renesas semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com