Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 97 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 97 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 93Page - Renesas Technology Corp R8C23 Datasheet HTML 94Page - Renesas Technology Corp R8C23 Datasheet HTML 95Page - Renesas Technology Corp R8C23 Datasheet HTML 96Page - Renesas Technology Corp R8C23 Datasheet HTML 97Page - Renesas Technology Corp R8C23 Datasheet HTML 98Page - Renesas Technology Corp R8C23 Datasheet HTML 99Page - Renesas Technology Corp R8C23 Datasheet HTML 100Page - Renesas Technology Corp R8C23 Datasheet HTML 101Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 97 / 549 page
background image
R8C/22 Group, R8C/23 Group
10. Clock Generation Circuit
Rev.2.00 Aug 20, 2008
Page 77 of 501
REJ09B0251-0200
Figure 10.6
FRA2 Register
Figure 10.7
VCA2 Register
High-Speed On-Chip Oscillator Control Register 2
(1)
Symbol
Address
After Reset
FRA2
0025h
00h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
b7 b6 b5 b4 b3 b2 b1 b0
0000
RW
The division of high-speed on-chip
oscillator clock can be selected.
b2 b1 b0
0 0 0 : Divide-by-2 mode(3)
0 0 1 : Divide-by-3 mode(3)
0 1 0 : Divide-by-4 mode
0 1 1 : Divide-by-5 mode
1 0 0 : Divide-by-6 mode
1 0 1 : Divide-by-7 mode
1 1 0 : Divide-by-8 mode
1 1 1 : Divide-by-9 mode
0
FRA22
RW
High-speed on-chip oscillator
frequency sw itching bits(2)
FRA20
Do not set on the K version products.
RW
FRA21
Set the PRC0 bit in the PRCR register to 1 (enables w riting) before rew riting to the FRA2 register.
Since the value after reset is 000b, set 010b to 111b on the K version products.
—
(b7-b3)
RW
Reserved bits
Set to 0
Voltage Detection Register 2
(1)
Symbol
Address
VCA2
0032h
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
b2 b1 b0
00
b7 b6 b5 b4 b3
When using the voltage monitor 1 reset, set the VCA26 bit to 1.
After the VCA26 bit is set from 0 to 1, the voltage detection circuit elapses for td(E-A) before starting operation.
000
—
(b5-b1)
Reserved bits
VCA27
After Reset(4)
Set the PRC3 bit in the PRCR register to 1 (enables w riting) before w riting to the VCA2 register.
RW
Set to 0
RW
VCA26
Voltage detection 2 enable bit(3)
0 : Voltage detection 2 circuit disabled
1 : Voltage detection 2 circuit enabled
RW
The LVD1ON bit in the OFS register is set to 1: 00h
Power-on reset, v oltage monitor 1 reset or the LVD1ON
bit in the OFS register is set to 0: 01000000b
Use the VCA20 bit only w hen entering to w ait mode. To set the VCA20 bit, follow the procedure show n in Figure
10.11 Procedure for Enabling Reduced Internal Pow er Consum ption Using VCA20 bit.
VCA20
Internal pow er low consumption
enable bit(5)
0 : Disables low consumption
1 : Enables low consumption
RW
When using the voltage monitor 2 interrupt/reset or the VCA13 bit in the VCA1 register, set the VCA27 bit to 1.
After the VCA27 bit is from 0 to 1, the voltage detection circuit elapses for td(E-A) before starting operation.
The VCA27 bit remains unchanged after softw are reset, w atchdog timer reset, and voltage monitor 2 reset.
Voltage detection 1 enable bit(2)
0 : Voltage detection 1 circuit disabled
1 : Voltage detection 1 circuit enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com