Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 82 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 82 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 78Page - Renesas Technology Corp R8C23 Datasheet HTML 79Page - Renesas Technology Corp R8C23 Datasheet HTML 80Page - Renesas Technology Corp R8C23 Datasheet HTML 81Page - Renesas Technology Corp R8C23 Datasheet HTML 82Page - Renesas Technology Corp R8C23 Datasheet HTML 83Page - Renesas Technology Corp R8C23 Datasheet HTML 84Page - Renesas Technology Corp R8C23 Datasheet HTML 85Page - Renesas Technology Corp R8C23 Datasheet HTML 86Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 82 / 549 page
background image
R8C/22 Group, R8C/23 Group
7. Programmable I/O Ports
Rev.2.00 Aug 20, 2008
Page 62 of 501
REJ09B0251-0200
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU05 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU05 bit in the PUR0 register to 1.
X: 0 or 1
NOTE:
1.
Pulled up by setting the PU05 bit in the PUR0 register to 1.
Table 7.25
Port P2_5/TRDIOB1
Register
PD2
TRDOER1
TRDFCR
TRDPMR
TRDIORA1
Function
Bit
PD2_5
EB1
CMD1
CMD0
PWM3
PWMB1
IOB2
IOB1
IOB0
Setting
value
0
1
XXX
X
X
X
X
Input port(1)
1
1
X
X
X
X
X
X
X
Output port
0
X
0
0
1
0
1
X
X
Timer mode (input capture function)
X0
10
X
X
X
X
X
Complementary PWM mode waveform output
11
X0
0
1
X
X
X
X
X
Reset synchronous PWM mode waveform
output
X
0
0
0
1
1
X
X
X
PWM mode waveform output
X
0
001
0
00
1
Timer mode waveform output (output
compare function)
01
X
Table 7.26
Port P2_6/TRDIOC1
Register
PD2
TRDOER1
TRDFCR
TRDPMR
TRDIORC1
Function
Bit
PD2_6
EC1
CMD1
CMD0
PWM3
PWMC1
IOC2
IOC1
IOC0
Setting
value
0
1
XXX
X
X
X
X
Input port(1)
1
1
X
X
X
X
X
X
X
Output port
0
X
0
0
1
0
1
X
X
Timer mode (input capture function)
X0
10
X
X
X
X
X
Complementary PWM mode waveform output
11
X0
0
1
X
X
X
X
X
Reset synchronous PWM mode waveform
output
X
0
0
0
1
1
X
X
X
PWM mode waveform output
X
0
001
0
00
1
Timer mode waveform output (output
compare function)
01
X
Table 7.27
Port P2_7/TRDIOD1
Register
PD2
TRDOER1
TRDFCR
TRDPMR
TRDIORC1
Function
Bit
PD2_7
ED1
CMD1
CMD0
PWM3
PWMD1
IOD2
IOD1
IOD0
Setting
value
0
1
XXX
X
X
X
X
Input port(1)
1
1
X
X
X
X
X
X
X
Output port
0
X
0
0
1
0
1
X
X
Timer mode (input capture function)
X0
10
X
X
X
X
X
Complementary PWM mode waveform output
11
X0
0
1
X
X
X
X
X
Reset synchronous PWM mode waveform
output
X
0
0
0
1
1
X
X
X
PWM mode waveform output
X
0
001
0
00
1
Timer mode waveform output
(output compare function)
01
X



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com