Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 91 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 91 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 87Page - Renesas Technology Corp R8C23 Datasheet HTML 88Page - Renesas Technology Corp R8C23 Datasheet HTML 89Page - Renesas Technology Corp R8C23 Datasheet HTML 90Page - Renesas Technology Corp R8C23 Datasheet HTML 91Page - Renesas Technology Corp R8C23 Datasheet HTML 92Page - Renesas Technology Corp R8C23 Datasheet HTML 93Page - Renesas Technology Corp R8C23 Datasheet HTML 94Page - Renesas Technology Corp R8C23 Datasheet HTML 95Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 91 / 549 page
background image
R8C/22 Group, R8C/23 Group
10. Clock Generation Circuit
Rev.2.00 Aug 20, 2008
Page 71 of 501
REJ09B0251-0200
10. Clock Generation Circuit
The clock generation circuit has:
• XIN clock oscillation circuit
• Low-speed on-chip oscillator
• High-speed on-chip oscillator
Table 10.1 lists Specifications of Clock Generation Circuit. Figure 10.1 shows a Clock Generation Circuit. Figures
10.2 to 10.8 show clock-associated registers.
NOTES:
1. These pins can be used as P4_6 and P4_7 when using the on-chip oscillator clock as the CPU
clock while the XIN clock oscillation circuit is not used.
2. Set the CM05 bit in the CM0 register to 1 (main clock stops) and the CM13 bit in the CM1 register to
1 (XIN-XOUT pin) when the external clock is input.
3. The clock frequency is automatically set to up to 20 MHz by a driver when using the high-speed on-
chip oscillator as the CPU clock source.
Table 10.1
Specifications of Clock Generation Circuit
Item
XIN Clock
Oscillation Circuit
On-Chip Oscillator
High-Speed On-Chip Oscillator
Low-Speed On-Chip Oscillator
Use of Clock
• CPU clock source
• Peripheral
function clock
source
• CPU clock source
• Peripheral function clock
source
• CPU and peripheral function
clock sources when XIN clock
stops oscillating
• CPU clock source
• Peripheral function clock
source
• CPU and peripheral function
clock sources when XIN clock
stops oscillating
Clock Frequency 0 to 20 MHz
Approx. 40 MHz(3)
Approx. 125 kHz
Connectable
Oscillator
•Ceramic
resonator
• Crystal oscillator
−−
Oscillator
Connect Pins
XIN, XOUT(1)
−(1)
−(1)
Oscillation Stop,
Restart Function
Usable
Usable
Usable
Oscillator Status
After Reset
Stop
Stop
Oscillate
Others
Externally
generated clock
can be input(2)
−−



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com