Electronic Components Datasheet Search
  English  ▼

X  

R8C23 Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # R8C23
Description  RENESAS MCU R8C FAMILY / R8C/2x SERIES
PDF  549 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R8C23 Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button R8C23 Datasheet HTML 90Page - Renesas Technology Corp R8C23 Datasheet HTML 91Page - Renesas Technology Corp R8C23 Datasheet HTML 92Page - Renesas Technology Corp R8C23 Datasheet HTML 93Page - Renesas Technology Corp R8C23 Datasheet HTML 94Page - Renesas Technology Corp R8C23 Datasheet HTML 95Page - Renesas Technology Corp R8C23 Datasheet HTML 96Page - Renesas Technology Corp R8C23 Datasheet HTML 97Page - Renesas Technology Corp R8C23 Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 549 page
background image
R8C/22 Group, R8C/23 Group
10. Clock Generation Circuit
Rev.2.00 Aug 20, 2008
Page 74 of 501
REJ09B0251-0200
Figure 10.3
CM1 Register
System Clock Control Register 1
(1)
Symbol
Address
After Reset
CM1
0007h
00100000b
Bit Symbol
Bit Name
Function
RW
NOTES:
1.
2.
3.
4.
5.
6.
7.
8.
9.
When the CM10 bit is set to 1 (stop mode) and the CM13 bit is set to 1 (XIN-XOUT pin), the XOUT
(P4_7) pin becomes “H”. When the CM13 bit is set to 0 (input ports, P4_6, P4_7), the P4_7 (XOUT) enters
input mode.
In count source protect mode (Refer to 13.2 Count Source Protection Mode Enabled), the value remains
unchanged even if the CM10 and CM14 bits are set.
When the CM06 bit is set to 0 (CM16, CM17 bits enabled), the CM16 to CM17 bits become enabled.
If the CM10 bit is 1 (stop mode), the internal feedback resistor becomes disabled.
When the OCD2 bit is set to 0 (selects XIN clock), the CM14 bit is set to 1 (stops low -speed on-chip oscillator). When
the OCD2 bit is set to 1 (selects on-chip oscillator clock), the CM14 bit is set to 0 (low -speed on-chip oscillator on). It
remains unchanged even if it is set to 1.
When using the low voltage 2 detection interrupt (w hen using the digital filter), set the CM14 bit to 0 (low -speed on-
chip oscillator on).
CM17
RW
b7 b6
0 0 : No division mode
0 1 : Divide-by-2 mode
1 0 : Divide-by-4 mode
1 1 : Divide-by-16 mode
System clock division select bits 1(3)
CM16
RW
CM15
XIN-XOUT drive capacity select bit(2)
0 : Low
1 : High
RW
CM14
Low -speed on-chip oscillation stop
bit(5,6,8)
0 : Low -speed on-chip oscillator on
1 : Low -speed on-chip oscillator off
RW
CM13
Port XIN-XOUT sw itch bit(7,9)
0 : Input ports P4_6, P4_7
1 : XIN-XOUT pin
RW
—
(b2-b1)
Reserved bits
Set to 0
RW
CM10
All clock stop control bit(4,7,8)
0 : Oscillates clock
1 : Stops all clocks (stop mode)
RW
b0
00
Once the CM13 bit is set to 1, it can not to 0 in a program.
When entering stop mode, the CM15 bit is set to 1 (drive capacity high).
Set the PRC0 bit in the PRCR register to 1 (enables w riting) before rew riting to the CM1 register.
b7 b6 b5 b4 b3 b2 b1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com