| Electronic Components Datasheet Search |
|
SH7014 Datasheet(PDF) 50 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
SH7014 Datasheet(HTML) 50 Page - Renesas Technology Corp |
|
50 / 754 page ![]() 1. SH7014/16/17 Overview Rev.5.00 Sep. 27, 2007 Page 16 of 716 REJ09B0398-0500 Classification Symbol I/O Name Function Multifunction Timer Pulse Unit (MTU) TIOC1A TIOC1B I/O MTU input capture/output compare (channel 1) Channel 1 input capture input/output compare output/PWM output pins. TIOC2A TIOC2B I/O MTU input capture/output compare (channel 2) Channel 2 input capture input/output compare output/PWM output pins. DREQ0 to DREQ1 I DMA transfer request (channels 0, 1) Input pin for external requests for DMA transfer. Direct memory access controller (DMAC) DRAK0 to DRAK1 O DREQ request acknowledgment (channels 0, 1) Output the input sampling acknowledgment of external DMA transfer requests. DACK0 to DACK1 O DMA transfer strobe (channels 0, 1) Output a strobe to the external I/O of external DMA transfer requests. TxD0 to TxD1 O Transmit data (channels 0, 1) SCI0, SCI1 transmit data output pins. Serial communication interface (SCI) RxD0 to RxD1 I Receive data (channels 0, 1) SCI0, SCI1 receive data input pins. SCK0 to SCK1 I/O Serial clock (channels 0, 1) SCI0, SCI1 clock input/output pins. A/D Converter AV CC I Analog supply Analog supply; connected to V CC. AV SS I Analog ground Analog supply; connected to V SS. AN0 to AN7 I Analog input Analog signal input pins. I/O ports PA0 to PA9, PA15 (SH7014) PA0 to PA15 (SH7016/17) I/O General purpose port General purpose input/output port pins. Each bit can be designated for input/output. PB2 to PB9 (SH7014) PB0 to PB9 (SH7016/17) I/O General purpose port General purpose input/output port pins. Each bit can be designated for input/output. PC0 to PC15 (SH7016/17) I/O General purpose port General purpose input/output port pins. Each bit can be designated for input/output. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |