Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 54 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 54 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 50Page - Renesas Technology Corp SH7014 Datasheet HTML 51Page - Renesas Technology Corp SH7014 Datasheet HTML 52Page - Renesas Technology Corp SH7014 Datasheet HTML 53Page - Renesas Technology Corp SH7014 Datasheet HTML 54Page - Renesas Technology Corp SH7014 Datasheet HTML 55Page - Renesas Technology Corp SH7014 Datasheet HTML 56Page - Renesas Technology Corp SH7014 Datasheet HTML 57Page - Renesas Technology Corp SH7014 Datasheet HTML 58Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 20 of 716
REJ09B0398-0500
2.1.2
Control Registers
The 32-bit control registers consist of the 32-bit status register (SR), global base register (GBR),
and vector base register (VBR). The status register indicates processing states. The global base
register functions as a base address for the indirect GBR addressing mode to transfer data to the
registers of on-chip peripheral modules. The vector base register functions as the base address of
the exception processing vector area (including interrupts). Figure 2.2 shows a control register.
9 8 765 4 3 2 1 0
M Q I3 I2 I1 I0
ST
0
0
31
31
GBR
VBR
SR
31
S bit: Used by the MAC instruction.
Reserved bits. This bit always read 0.
The write value should always be 0.
Reserved bits. This bit always read 0.
The write value should always be 0.
Bits I0 to I3: Interrupt mask bits.
M and Q bits: Used by the DIV0U, DIV0S,
and DIV1 instructions.
Global base register (GBR):
Indicates the base address of the indirect
GBR addressing mode. The indirect GBR
addressing mode is used in data transfer
for on-chip peripheral modules register
areas and in logic operations.
Vector base register (VBR):
Stores the base address of the exception
processing vector area.
SR: Status register
T bit: The MOVT, CMP/cond, TAS, TST,
BT (BT/S), BF (BF/S), SETT, and CLRT
instructions use the T bit to indicate true
(1) or false (0). The ADDV, ADDC,
SUBV, SUBC, DIV0U, DIV0S, DIV1,
NEGC, SHAR, SHAL, SHLR, SHLL,
ROTR, ROTL, ROTCR, and ROTCL
instructions also use the T bit to indicate
carry/borrow or overflow/underflow.
Figure 2.2 Control Registers



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com