Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 58 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 58 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 54Page - Renesas Technology Corp SH7014 Datasheet HTML 55Page - Renesas Technology Corp SH7014 Datasheet HTML 56Page - Renesas Technology Corp SH7014 Datasheet HTML 57Page - Renesas Technology Corp SH7014 Datasheet HTML 58Page - Renesas Technology Corp SH7014 Datasheet HTML 59Page - Renesas Technology Corp SH7014 Datasheet HTML 60Page - Renesas Technology Corp SH7014 Datasheet HTML 61Page - Renesas Technology Corp SH7014 Datasheet HTML 62Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 754 page
background image
2. CPU
Rev.5.00 Sep. 27, 2007 Page 24 of 716
REJ09B0398-0500
Table 2.3
Delayed Branch Instructions
SH7014/16/17 CPU
Description
Example of Conventional CPU
BRA
TRGET
ADD
R1,R0
Executes an ADD before
branching to TRGET
ADD.W
R1,R0
BRA
TRGET
Multiplication/Accumulation Operation: 16-bit
× 16-bit → 32-bit multiplication operations are
executed in one to two cycles. 16-bit
× 16-bit + 64-bit → 64-bit multiplication/accumulation
operations are executed in two to three cycles. 32-bit
× 32-bit → 64-bit and 32-bit × 32-bit + 64bit
→ 64-bit multiplication/accumulation operations are executed in two to four cycles.
T Bit: The T bit in the status register changes according to the result of the comparison, and in
turn is the condition (true/false) that determines if the program will branch. The number of
instructions that change the T bit is kept to a minimum to improve the processing speed (table
2.4).
Table 2.4
T Bit
SH7014/16/17 CPU
Description
Example of Conventional CPU
CMP/GE
R1,R0
BT
TRGET0
BF
TRGET1
T bit is set when R0
≥ R1. The
program branches to TRGET0
when R0
≥ R1 and to TRGET1
when R0 < R1.
CMP.W
R1,R0
BGE
TRGET0
BLT
TRGET1
ADD
#1,R0
CMP/EQ
#0,R0
BT
TRGET
T bit is not changed by ADD. T bit is
set when R0 = 0. The program
branches if R0 = 0.
SUB.W
#1,R0
BEQ
TRGET
Immediate Data: Byte (8-bit) immediate data resides in instruction code. Word or longword
immediate data is not input via instruction codes but is stored in a memory table. An immediate
data transfer instruction (MOV) accesses the memory table using the PC relative addressing mode
with displacement (table 2.5).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com