Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 88 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 88 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 84Page - Renesas Technology Corp SH7014 Datasheet HTML 85Page - Renesas Technology Corp SH7014 Datasheet HTML 86Page - Renesas Technology Corp SH7014 Datasheet HTML 87Page - Renesas Technology Corp SH7014 Datasheet HTML 88Page - Renesas Technology Corp SH7014 Datasheet HTML 89Page - Renesas Technology Corp SH7014 Datasheet HTML 90Page - Renesas Technology Corp SH7014 Datasheet HTML 91Page - Renesas Technology Corp SH7014 Datasheet HTML 92Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 754 page
background image
4. Clock Pulse Generator (CPG)
Rev.5.00 Sep. 27, 2007 Page 54 of 716
REJ09B0398-0500
4.2
Oscillator
Clock pulses can be supplied from a connected crystal resonator or an external clock.
4.2.1
Connecting a Crystal Oscillator
Circuit Configuration: A crystal oscillator can be connected as shown in figure 4.2. Use the
damping resistance (Rd) listed in table 4.1. Use a 4 to 10 MHz crystal oscillator (consult your
dealer concerning the compatibility of the crystal oscillator and the LSI).
XTAL
EXTAL
C
L1
C
L2
Rd
4 to 10 MHz
C
L1 = CL2 = 18 to 22 pF (Recommended value)
Figure 4.2 Connection of the Crystal Oscillator (Example)
Table 4.1
Damping Resistance Values (Recommended Values)
Frequency (MHz)
Parameter
4
8
10
Rd (
Ω)
500
200
0
Crystal Oscillator: Figure 4.3 shows an equivalent circuit of the crystal oscillator. Use a crystal
oscillator with the characteristics listed in table 4.2.
Co
EXTAL
C
L
LRs
XTAL
Figure 4.3 Crystal Oscillator Equivalent Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com