Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 89 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 89 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 85Page - Renesas Technology Corp SH7014 Datasheet HTML 86Page - Renesas Technology Corp SH7014 Datasheet HTML 87Page - Renesas Technology Corp SH7014 Datasheet HTML 88Page - Renesas Technology Corp SH7014 Datasheet HTML 89Page - Renesas Technology Corp SH7014 Datasheet HTML 90Page - Renesas Technology Corp SH7014 Datasheet HTML 91Page - Renesas Technology Corp SH7014 Datasheet HTML 92Page - Renesas Technology Corp SH7014 Datasheet HTML 93Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 754 page
background image
4. Clock Pulse Generator (CPG)
Rev.5.00 Sep. 27, 2007 Page 55 of 716
REJ09B0398-0500
Table 4.2
Crystal Oscillator Parameters
Frequency (MHz)
Parameter
4
8
10
Rs max (
Ω)
120
80
60
Co max (pF)
7
7
7
Notes on Board Design: When connecting a crystal oscillator, observe the following precautions:
• To prevent induction from interfering with correct oscillation, do not route any signal lines
near the oscillator circuitry.
• When designing the board, place the crystal oscillator and its load capacitors as close as
possible to the XTAL and EXTAL pins.
Figures 4.4 and 4.5 show the precautions regarding oscillator block board settings.
Crossing of signal
lines prohibited
CL1
XTAL
EXTAL
CL2
Figure 4.4 Cautions for Oscillator Circuit System Board Design



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com