Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 634 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 634 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 630Page - Renesas Technology Corp SH7014 Datasheet HTML 631Page - Renesas Technology Corp SH7014 Datasheet HTML 632Page - Renesas Technology Corp SH7014 Datasheet HTML 633Page - Renesas Technology Corp SH7014 Datasheet HTML 634Page - Renesas Technology Corp SH7014 Datasheet HTML 635Page - Renesas Technology Corp SH7014 Datasheet HTML 636Page - Renesas Technology Corp SH7014 Datasheet HTML 637Page - Renesas Technology Corp SH7014 Datasheet HTML 638Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 634 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 600 of 716
REJ09B0398-0500
A.2
Functions
Item
Bit Nmae
Initial value
R/W
7
C/
A
0
R/W
6
CHR
0
R/W
5
PE
0
R/W
4
O/
E
0
R/W
3
STOP
0
R/W
2
MP
0
R/W
1
CKS1
0
R/W
0
CKS0
0
R/W
Bit
Bit
7
6
5
4
3
2
1, 0
Value
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
0
1
Name
Communication Mode
(C/
A)
Character Length (CHR)
Parity Enable (PE)
Parity Mode (O/
E)
Stop Bit Length (STOP)
Multiprocessor Mode (MP)
Clock Select 1 and 0
(CKS1 and CKS0)
Description
Asynchronous mode
Clock synchronous mode
8-bit data
(Initial value)
7-bit data
(Initial value)
Parity bit not added or checked
(Initial value)
Parity bit added and checked
Even parity
(Initial value)
Odd parity
1 stop bit
(Initial value)
2 stop bits
Multiprocessor function disabled
(Initial value)
Multiprocessor format selected
φ/4
(Initial value)
φ/16
φ/64
φ/256
Descriptions of bit settings
Initial bit values
(When two or more bits are
described as a set, the higher bits
are on the left and the lower bits
on the right.)
Bit acronym
Bit numbers
Register outline
Bit functions
H'FFFF81A0 (Channel 0)
H'FFFF81B0 (Channel 1)
8/16
Serial Mode Register (SMR)
Start address
Module
Access size
SCI
Register acronym



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com