Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 712 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 712 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 708Page - Renesas Technology Corp SH7014 Datasheet HTML 709Page - Renesas Technology Corp SH7014 Datasheet HTML 710Page - Renesas Technology Corp SH7014 Datasheet HTML 711Page - Renesas Technology Corp SH7014 Datasheet HTML 712Page - Renesas Technology Corp SH7014 Datasheet HTML 713Page - Renesas Technology Corp SH7014 Datasheet HTML 714Page - Renesas Technology Corp SH7014 Datasheet HTML 715Page - Renesas Technology Corp SH7014 Datasheet HTML 716Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 712 / 754 page
background image
Appendix A On-Chip Supporting Module Registers
Rev.5.00 Sep. 27, 2007 Page 678 of 716
REJ09B0398-0500
FLASH
Flash Memory Control Register 1 (FLMCR1)
H'FFFF8580
8
Bit
Item
7
6
5
4
3
2
1
0
Bit name
FWE
SWE
ESU
PSU
EV
PV
E
P
Initial value
1/0
0
0
0
0
0
0
0
R/W
R
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Bit
Name
Value
Description
0
When a low level is input to the FWP pin
(hardware-protected state)
7
Flash Write Enable Bit (FWE)
1
When a high level is input to the FWP pin
0
Writes disabled
(initial value)
6
Software Write Enable Bit (SWE)
1
Writes enabled
Setting condition: When FWE = 1
0
Erase setup cleared
(initial value)
5
Erase Setup Bit (ESU)
1
Erase setup
Setting condition: When FWE = 1 and SWE = 1
0
Program setup cleared
(initial value)
4
Program Setup Bit (PSU)
1
Program setup
Setting condition: When FWE = 1 and SWE = 1
0
Erase-verify mode cleared
(initial value)
3
Erase-Verify (EV)
1
Transition to erase-verify mode
0
Program-verify mode cleared
(initial value)
2
Program-Verify (PV)
1
Transition to program-verify mode
Setting condition: When FWE = 1 and SWE = 1
0
Erase mode cleared
(initial value)
1
Erase (E)
1
Transition to erase mode
Setting condition: When FWE = 1, SWE = 1, and ESU
= 1
0
Program mode cleared
(initial value)
0
Program (P)
1
Transition to program mode
Setting condition: When FWE = 1, SWE = 1, and PSU
= 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com