Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 749 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 749 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 745Page - Renesas Technology Corp SH7014 Datasheet HTML 746Page - Renesas Technology Corp SH7014 Datasheet HTML 747Page - Renesas Technology Corp SH7014 Datasheet HTML 748Page - Renesas Technology Corp SH7014 Datasheet HTML 749Page - Renesas Technology Corp SH7014 Datasheet HTML 750Page - Renesas Technology Corp SH7014 Datasheet HTML 751Page - Renesas Technology Corp SH7014 Datasheet HTML 752Page - Renesas Technology Corp SH7014 Datasheet HTML 753Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 749 / 754 page
background image
Appendix F Package Dimensions
Rev.5.00 Sep. 27, 2007 Page 715 of 716
REJ09B0398-0500
Appendix F Package Dimensions
Package dimensions of the SH7014, SH7016, SH7017 (FP-112) are shown in figure F.1.
NOTE)
1. DIMENSIONS"*1"AND"*2"
DO NOT INCLUDE MOLD FLASH
2. DIMENSION"*3"DOES NOT
INCLUDE TRIM OFFSET.
1.23
1.23
0.10
0.13
0.65
8˚
0˚
23.5
23.2
22.9
3.05
0.12
0.17
0.22
0.24
0.32
0.40
0.00
0.30
0.15
0.10
0.25
L1
ZE
ZD
y
x
c
b1
bp
A
HD
A2
E
D
AA
c1
e
e
L
HE
20
1.6
22.9
23.2
23.5
2.70
20
Reference
Symbol
Dimension in Millimeters
Min
Nom Max
0.5
0.8
1.1
*1
*3
p
D
D
56
57
84
85
29
28
1
112
F
yM
x
Z
b
H
D
1
Detail F
L
L
Terminal cross section
p
1
b
b
θ
θ
P-QFP112-20x20-0.65
2.4g
MASS[Typ.]
FP-112/FP-112V
PRQP0112JA-A
RENESAS Code
JEITA Package Code
Previous Code
Figure F.1 Package Dimensions (FP-112)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com