Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 109 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 109 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 105Page - Renesas Technology Corp SH7014 Datasheet HTML 106Page - Renesas Technology Corp SH7014 Datasheet HTML 107Page - Renesas Technology Corp SH7014 Datasheet HTML 108Page - Renesas Technology Corp SH7014 Datasheet HTML 109Page - Renesas Technology Corp SH7014 Datasheet HTML 110Page - Renesas Technology Corp SH7014 Datasheet HTML 111Page - Renesas Technology Corp SH7014 Datasheet HTML 112Page - Renesas Technology Corp SH7014 Datasheet HTML 113Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 109 / 754 page
background image
6. Interrupt Controller (INTC)
Rev.5.00 Sep. 27, 2007 Page 75 of 716
REJ09B0398-0500
6.1.3
Pin Configuration
Table 6.1 shows the INTC pin configuration.
Table 6.1
Pin Configuration
Name
Abbreviation
I/O
Function
Non-maskable interrupt input pin
NMI
I
Input of non-maskable interrupt
request signal
Interrupt request input pins
IRQ0 to IRQ3,
IRQ6, IRQ7
I
Input of maskable interrupt request
signals
6.1.4
Register Configuration
The INTC has the 10 registers shown in table 6.2. These registers set the priority of the interrupts
and control external interrupt input signal detection.
Table 6.2
Register Configuration
Name
Abbr.
R/W
Initial Value Address
Access Sizes
Interrupt priority register A
IPRA
R/W
H'0000
H'FFFF8348
8, 16, 32
Interrupt priority register B
IPRB
R/W
H'0000
H'FFFF834A
8, 16, 32
Interrupt priority register C
IPRC
R/W
H'0000
H'FFFF834C
8, 16, 32
Interrupt priority register D
IPRD
R/W
H'0000
H'FFFF834E
8, 16, 32
Interrupt priority register E
IPRE
R/W
H'0000
H'FFFF8350
8, 16, 32
Interrupt priority register F
IPRF
R/W
H'0000
H'FFFF8352
8, 16, 32
Interrupt priority register G
IPRG
R/W
H'0000
H'FFFF8354
8, 16, 32
Interrupt priority register H
IPRH
R/W
H'0000
H'FFFF8356
8, 16, 32
Interrupt control register
ICR
R/W
*
1
H'FFFF8358
8, 16, 32
IRQ status register
ISR
R(W)*
2
H'0000
H'FFFF835A
8, 16, 32
Notes: 1. The value when the NMI pin is high is H'8000; when the NMI pin is low, it is H'0000.
2. Only 0 can be written, in order to clear flags.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com