Electronic Components Datasheet Search
  English  ▼

X  

SH7014 Datasheet(PDF) 211 Page - Renesas Technology Corp

Part # SH7014
Description  32-Bit RISC Microcomputer
PDF  754 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7014 Datasheet(HTML) 211 Page - Renesas Technology Corp

Back Button SH7014 Datasheet HTML 207Page - Renesas Technology Corp SH7014 Datasheet HTML 208Page - Renesas Technology Corp SH7014 Datasheet HTML 209Page - Renesas Technology Corp SH7014 Datasheet HTML 210Page - Renesas Technology Corp SH7014 Datasheet HTML 211Page - Renesas Technology Corp SH7014 Datasheet HTML 212Page - Renesas Technology Corp SH7014 Datasheet HTML 213Page - Renesas Technology Corp SH7014 Datasheet HTML 214Page - Renesas Technology Corp SH7014 Datasheet HTML 215Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 211 / 754 page
background image
9. Direct Memory Access Controller (DMAC)
Rev.5.00 Sep. 27, 2007 Page 177 of 716
REJ09B0398-0500
Burst Mode, Dual Address, and Level Detection:
DREQ sampling timing in burst mode with
dual address and level detection is shown in figures 9.13 and 9.14.
DREQ sampling timing in burst
mode with dual address and level detection is virtually the same as that of cycle steal mode.
For example, DMAC transfer begins (figure 9.13), at the earliest, three cycles after the timing of
the first sampling. The second sampling also begins from the start of the transfer one bus cycle
before the start of the first DMAC transfer. In burst mode, as long as transfer requests are issued,
DMAC transfer continues. Therefore, the “transfer one bus cycle before the start of the DMAC
transfer” may be a DMAC transfer.
In burst mode, the DACK output period is the same as that of cycle steal mode. Figure 9.14 shows
the normal operation of this burst mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com