Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 351Page - Renesas Technology Corp HD6433637SW Datasheet HTML 352Page - Renesas Technology Corp HD6433637SW Datasheet HTML 353Page - Renesas Technology Corp HD6433637SW Datasheet HTML 354Page - Renesas Technology Corp HD6433637SW Datasheet HTML 355Page - Renesas Technology Corp HD6433637SW Datasheet HTML 356Page - Renesas Technology Corp HD6433637SW Datasheet HTML 357Page - Renesas Technology Corp HD6433637SW Datasheet HTML 358Page - Renesas Technology Corp HD6433637SW Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 418 page
background image
341
PMR6—Port mode register 6
H'9A
I/O ports
Bit
Initial value
Read/Write
7
—
1
—
6
—
1
—
5
—
1
—
4
—
1
R/W
3
—
1
—
0
—
0
R/W
2
TXD
0
R/W
1
—
0
R/W
P26/TXD pin function switch
1
0
Functions as P26 I/O pin
1
Functions as TXD output pin
PMR5—Port mode register 5
H'9B
I/O ports
Bit
Initial value
Read/Write
7
WKP
0
R/W
6
WKP
0
R/W
5
WKP
0
R/W
4
WKP
0
R/W
3
WKP
0
R/W
0
WKP
0
R/W
2
WKP
0
R/W
1
WKP
0
R/W
0
Functions as P5 I/O pin
1
Functions as WKP input pin
n
n
7
6
5
432
1
0
P5 /WKP pin function switch
nn
(n = 7 to 0)
PUCR1—Port pull-up control register 1
H'9C
I/O ports
Bit
Initial value
Read/Write
7
PUCR17
0
R/W
6
PUCR16
0
R/W
5
PUCR15
0
R/W
4
PUCR14
0
R/W
3
PUCR13
0
R/W
0
PUCR10
0
R/W
2
PUCR12
0
R/W
1
PUCR11
0
R/W
PUCR2—Port pull-up control register 2
H'9D
I/O ports
Bit
Initial value
Read/Write
7
PUCR27
0
R/W
6
PUCR26
0
R/W
5
PUCR5
0
R/W
4
PUCR4
0
R/W
3
PUCR3
0
R/W
0
PUCR0
0
R/W
2
PUCR2
0
R/W
1
PUCR1
0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com