Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 94 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 94 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 90Page - Renesas Technology Corp HD6433637SW Datasheet HTML 91Page - Renesas Technology Corp HD6433637SW Datasheet HTML 92Page - Renesas Technology Corp HD6433637SW Datasheet HTML 93Page - Renesas Technology Corp HD6433637SW Datasheet HTML 94Page - Renesas Technology Corp HD6433637SW Datasheet HTML 95Page - Renesas Technology Corp HD6433637SW Datasheet HTML 96Page - Renesas Technology Corp HD6433637SW Datasheet HTML 97Page - Renesas Technology Corp HD6433637SW Datasheet HTML 98Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 418 page
background image
80
4.2
System Clock Generator
Clock pulse can be supplied to the system clock divider either by connecting a crystal or ceramic
oscillator, or by providing external clock input.
Connecting a Crystal Oscillator: Figure 4.2 shows a typical method of connecting a crystal
oscillator.
1
2
C1
C2
OSC
OSC
R = 1 M
±20%
C = C = 12 pF
±20%
f
12
Ω
Rf
Figure 4.2 Typical Connection to Crystal Oscillator
Figure 4.3 shows the equivalent circuit of a crystal oscillator. An oscillator having the
characteristics given in table 4.1 should be used.
CS
C0
RS
OSC1
OSC2
LS
Figure 4.3 Equivalent Circuit of Crystal Oscillator
Table 4.1
Crystal Oscillator Parameters
Frequency
2 MHz
4 MHz
8 MHz
10 MHz
R
S (max)
500
Ω
100
Ω
50
Ω
30
Ω
C
0 (max)
7 pF
7 pF
7 pF
7 pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com