Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 23 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 23 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 19Page - Renesas Technology Corp HD6433637SW Datasheet HTML 20Page - Renesas Technology Corp HD6433637SW Datasheet HTML 21Page - Renesas Technology Corp HD6433637SW Datasheet HTML 22Page - Renesas Technology Corp HD6433637SW Datasheet HTML 23Page - Renesas Technology Corp HD6433637SW Datasheet HTML 24Page - Renesas Technology Corp HD6433637SW Datasheet HTML 25Page - Renesas Technology Corp HD6433637SW Datasheet HTML 26Page - Renesas Technology Corp HD6433637SW Datasheet HTML 27Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 418 page
background image
9
Table 1.2
Pin Functions (cont)
Pin No.
Type
Symbol
TFP-80F
TFP-80C
FP-80B
I/O
Name and Functions
Interrupt
pins
IRQ
0
IRQ
1
IRQ
2
IRQ
3
IRQ
4
16
19
18
17
9
18
21
20
19
11
Input
External interrupt request 0 to 4:
These are input pins for external
interrupts for which there is a choice
between rising and falling edge sensing
WKP
7 to
WKP
0
38 to 31
40 to 33
Input
Wakeup interrupt request 0 to 7:
These are input pins for external
interrupts that are detected at the falling
edge
Timer pins
TMOW
24
26
Output
Clock output: This is an output pin for
wave-forms generated by the timer A
output circuit
TMIF
17
19
Input
Timer F event counter input: This is an
event input pin for input to the timer F
counter
TMOFL
23
25
Output
Timer FL output: This is an output pin
for waveforms generated by the timer FL
output compare function
TMOFH
22
24
Output
Timer FH output: This is an output pin
for waveforms generated by the timer FH
output compare function
TMIG
21
23
Input
Timer G capture input: This is an input
pin for the timer G input capture function
TMCIY
18
20
Input
Timer Y clock input: This pin inputs an
external clock to the timer Y counter.
14-bit PWM PWM
20
22
Output
14-bit PWM output: This pin outputs the
waveform generated by the 14-bit PWM.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com