Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 62 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 62 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 58Page - Renesas Technology Corp HD6433637SW Datasheet HTML 59Page - Renesas Technology Corp HD6433637SW Datasheet HTML 60Page - Renesas Technology Corp HD6433637SW Datasheet HTML 61Page - Renesas Technology Corp HD6433637SW Datasheet HTML 62Page - Renesas Technology Corp HD6433637SW Datasheet HTML 63Page - Renesas Technology Corp HD6433637SW Datasheet HTML 64Page - Renesas Technology Corp HD6433637SW Datasheet HTML 65Page - Renesas Technology Corp HD6433637SW Datasheet HTML 66Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 418 page
background image
48
2.9
Application Notes
2.9.1
Notes on Data Access
Access to Empty Area: The address space of the H8/300L CPU includes empty areas in addition
to the RAM, registers, and ROM areas available to the user. If these empty areas are mistakenly
accessed by an application program, the following results will occur.
• Data transfer from CPU to empty area:
The transferred data will be lost. This action may also cause the CPU to misoperate.
• Data transfer from empty area to CPU:
Unpredictable data is transferred.
Access to the Internal I/O Register: Internal data transfer to or from on-chip modules other than
the ROM and RAM areas makes use of an 8-bit data width. If word access is attempted to these
areas, the following results will occur.
• Word access from CPU to I/O register area:
Upper byte: Will be written to I/O register.
Lower byte: Transferred data will be lost.
• Word access from I/O register to CPU:
Upper byte: Will be written to upper part of CPU register.
Lower byte: Unpredictable data will be written to lower part of CPU register.
Byte size instructions should therefore be used when transferring data to or from I/O registers
other than the on-chip ROM and RAM areas.
Figure 2.17 shows the data size and number of states in which on-chip peripheral modules can be
accessed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com