Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 90 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 90 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 86Page - Renesas Technology Corp HD6433637SW Datasheet HTML 87Page - Renesas Technology Corp HD6433637SW Datasheet HTML 88Page - Renesas Technology Corp HD6433637SW Datasheet HTML 89Page - Renesas Technology Corp HD6433637SW Datasheet HTML 90Page - Renesas Technology Corp HD6433637SW Datasheet HTML 91Page - Renesas Technology Corp HD6433637SW Datasheet HTML 92Page - Renesas Technology Corp HD6433637SW Datasheet HTML 93Page - Renesas Technology Corp HD6433637SW Datasheet HTML 94Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 418 page
background image
76
3.4
Application Notes
3.4.1
Notes on Stack Area Use
When word data is accessed in the H8/3637S Series, the least significant bit of the address is
regarded as 0. Access to the stack always takes place in word size, so the stack pointer (SP: R7)
should never indicate an odd address. Use PUSH Rn (MOV.W Rn, @–SP) or POP Rn (MOV.W
@SP+, Rn) to save or restore register values.
Setting an odd address in SP may cause a program to crash. An example is shown in figure 3.6.
PC
PC
R1L
PC
SP
SP
SP
H'FEFC
H'FEFD
H'FEFF
→
→
→
H
L
L
MOV. B R1L, @–R7
SP set to H'FEFF
Stack accessed beyond SP
BSR instruction
Contents of PC are lost
H
Legend:
PCH:
PCL:
R1L:
SP:
Upper byte of program counter
Lower byte of program counter
General register R1L
Stack pointer
Figure 3.6 Operation when Odd Address is Set in SP
When CCR contents are saved to the stack during interrupt exception handling or restored when
RTE is executed, this also takes place in word size. Both the upper and lower bytes of word data
are saved to the stack; on return, the even address contents are restored to CCR while the odd
address contents are ignored.
3.4.2
Notes on Rewriting Port Mode Registers
When a port mode register is rewritten to switch the functions of external interrupt pins, the
following points should be observed.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com