Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 95 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 95 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 91Page - Renesas Technology Corp HD6433637SW Datasheet HTML 92Page - Renesas Technology Corp HD6433637SW Datasheet HTML 93Page - Renesas Technology Corp HD6433637SW Datasheet HTML 94Page - Renesas Technology Corp HD6433637SW Datasheet HTML 95Page - Renesas Technology Corp HD6433637SW Datasheet HTML 96Page - Renesas Technology Corp HD6433637SW Datasheet HTML 97Page - Renesas Technology Corp HD6433637SW Datasheet HTML 98Page - Renesas Technology Corp HD6433637SW Datasheet HTML 99Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 95 / 418 page
background image
81
Connecting a Ceramic Oscillator: Figure 4.4 shows a typical method of connecting a ceramic
oscillator.
1
2
C1
C2
OSC
OSC
Rf = 1 MΩ ± 20%
C1 = 30 pF ± 10%
C2 = 30 pF ± 10%
Ceramic oscillator: Murata
Rf
Figure 4.4 Typical Connection to Ceramic Oscillator
Notes on Board Design: When generating clock pulses by connecting a crystal or ceramic
oscillator, pay careful attention to the following points.
Avoid running signal lines close to the oscillator circuit, since the oscillator may be adversely
affected by induction currents. (See figure 4.5.)
The board should be designed so that the oscillator and load capacitors are located as close as
possible to pins OSC
1 and OSC2.
OSC
OSC
C1
C2
Signal A
Signal B
2
1
To be avoided
Figure 4.5 Board Design of Oscillator Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com