Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 71 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 71 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 67Page - Renesas Technology Corp HD6433637SW Datasheet HTML 68Page - Renesas Technology Corp HD6433637SW Datasheet HTML 69Page - Renesas Technology Corp HD6433637SW Datasheet HTML 70Page - Renesas Technology Corp HD6433637SW Datasheet HTML 71Page - Renesas Technology Corp HD6433637SW Datasheet HTML 72Page - Renesas Technology Corp HD6433637SW Datasheet HTML 73Page - Renesas Technology Corp HD6433637SW Datasheet HTML 74Page - Renesas Technology Corp HD6433637SW Datasheet HTML 75Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 418 page
background image
57
Section 3 Exception Handling
3.1
Overview
Exception handling is performed in the H8/3637S Series when a reset or interrupt occurs.
Table 3.1 shows the priorities of these two types of exception handling.
Table 3.1
Exception Handling Types and Priorities
Priority
Exception Source
Time of Start of Exception Handling
High
Reset
Exception handling starts as soon as the reset state is cleared
Low
Interrupt
When an interrupt is requested, exception handling starts after
execution of the present instruction or the exception handling
in progress is completed
3.2
Reset
3.2.1
Overview
A reset is the highest-priority exception. The internal state of the CPU and the registers of the on-
chip peripheral modules are initialized.
3.2.2
Reset Sequence
As soon as the
RES pin goes low, all processing is stopped and the H8/3637S Series enters the
reset state.
To make sure the chip is reset properly, observe the following precautions.
• At power on: Hold the RES pin low until the clock pulse generator output stabilizes.
• When an external clock or ceramic oscillator is used, also, at power on the RES pin must be
held low for the crystal oscillator oscillation stabilization time shown in table 14.3 in section
14, Electrical Characteristics.
• Resetting during operation: Hold the RES pin low for at least 18 system clock cycles.
Reset exception handling begins when the
RES pin is held low for a given period, then returned to
the high level. Reset exception handling takes place as follows.
• The CPU internal state and the registers of on-chip peripheral modules are initialized, with the
I bit of the condition code register (CCR) set to 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com