Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 24 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 24 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 20Page - Renesas Technology Corp HD6433637SW Datasheet HTML 21Page - Renesas Technology Corp HD6433637SW Datasheet HTML 22Page - Renesas Technology Corp HD6433637SW Datasheet HTML 23Page - Renesas Technology Corp HD6433637SW Datasheet HTML 24Page - Renesas Technology Corp HD6433637SW Datasheet HTML 25Page - Renesas Technology Corp HD6433637SW Datasheet HTML 26Page - Renesas Technology Corp HD6433637SW Datasheet HTML 27Page - Renesas Technology Corp HD6433637SW Datasheet HTML 28Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 418 page
background image
10
Table 1.2
Pin Functions (cont)
Pin No.
Type
Symbol
TFP-80F
TFP-80C
FP-80B
I/O
Name and Functions
I/O ports
PB
7 to
PB
4
76 to 79
78 to 80,
1
Input
Port B: This is a 4-bit input port
PA
3 to
PA
0
27 to 30
29 to 32
I/O
Port A: This is a 4-bit I/O port. Input or
output can be designated for each bit by
means of port control register A (PCRA).
PE
3, PE2
72, 71
74, 73
I/O
Port E: This is a 2-bit I/O port. Input or
output can be designated for each bit by
means of port control register E (PCRE).
P1
7 to
P1
0
17 to 24
19 to 26
I/O
Port 1: This is an 8-bit I/O port. Input or
output can be designated for each bit be
means of port control register 1 (PCR1).
P2
7
16
18
Input
Port 2 (bit 7): This is a 1-bit input port.
P2
6 to
P2
0
15 to 9
17 to 11
I/O
Port 2 (bits 6 to 0): This is a 7-bit I/O
port. Input or output can be designated
for each bit by means of port control
register 2 (PCR2).
P5
7 to
P5
0
38 to 31
40 to 33
I/O
Port 5: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 5 (PCR5).
P6
7 to
P6
0
46 to 39
48 to 41
I/O
Port 6: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 6 (PCR6).
P7
7 to
P7
0
54 to 47
56 to 49
I/O
Port 7: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 7 (PCR7).
P8
7 to
P8
0
62 to 55
64 to 57
I/O
Port 8: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 8 (PCR8).
P9
7 to
P9
0
70 to 63
72 to 65
I/O
Port 9: This is an 8-bit I/O port. Input or
output can be designated for each bit by
means of port control register 9 (PCR9).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com