Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 72 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 72 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 68Page - Renesas Technology Corp HD6433637SW Datasheet HTML 69Page - Renesas Technology Corp HD6433637SW Datasheet HTML 70Page - Renesas Technology Corp HD6433637SW Datasheet HTML 71Page - Renesas Technology Corp HD6433637SW Datasheet HTML 72Page - Renesas Technology Corp HD6433637SW Datasheet HTML 73Page - Renesas Technology Corp HD6433637SW Datasheet HTML 74Page - Renesas Technology Corp HD6433637SW Datasheet HTML 75Page - Renesas Technology Corp HD6433637SW Datasheet HTML 76Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 418 page
background image
58
• The PC is loaded from the reset exception handling vector address (H'0000 to H'0001), after
which the program starts executing from the address indicated in PC.
When system power is turned on or off, the
RES pin should be held low.
Figure 3.1 shows the reset sequence.
Vector fetch
ø
Internal
address bus
Internal read
signal
Internal write
signal
Internal data
bus (16-bit)
RES
Internal
processing
Program initial
instruction prefetch
(1) Reset exception handling vector address (H'0000)
(2) Program start address
(3) First instruction of program
(2)
(3)
(2)
Reset cleared
(1)
Figure 3.1 Reset Sequence
3.2.3
Interrupt Immediately after Reset
After a reset, if an interrupt were to be accepted before the stack pointer (SP: R7) was initialized,
PC and CCR would not be pushed onto the stack correctly, resulting in program runaway. To
prevent this, immediately after reset exception handling all interrupts are masked. For this reason,
the initial program instruction is always executed immediately after a reset. This instruction should
initialize the stack pointer (e.g. MOV.W #xx: 16, SP).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com