Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 389 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 389 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 385Page - Renesas Technology Corp HD6433637SW Datasheet HTML 386Page - Renesas Technology Corp HD6433637SW Datasheet HTML 387Page - Renesas Technology Corp HD6433637SW Datasheet HTML 388Page - Renesas Technology Corp HD6433637SW Datasheet HTML 389Page - Renesas Technology Corp HD6433637SW Datasheet HTML 390Page - Renesas Technology Corp HD6433637SW Datasheet HTML 391Page - Renesas Technology Corp HD6433637SW Datasheet HTML 392Page - Renesas Technology Corp HD6433637SW Datasheet HTML 393Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 389 / 418 page
background image
375
IRR2—Interrupt request register 2
H'F7
System control
Bit
Initial value
Read/Write
7
IRRDT
0
R/W
6
IRRAD
0
R/W
5
—
0
—
4
IRRTG
0
R/W
3
IRRTFH
0
R/W
0
IRRTYC
1
W*
2
IRRTFL
0
R/W
1
IRRTY
0
R
Direct transfer interrupt request flag
0
[Clearing condition]
When IRRDT = 1, it is cleared by writing 0
1
[Setting condition]
A SLEEP instruction is executed when DTON = 1 and a direct transfer is made
Note:
Only a write of 0 for flag clearing is possible.
*
**
*
*
*
A/D converter interrupt request flag
0
[Clearing condition]
When IRRAD = 1, it is cleared by writing 0
1
[Setting condition]
When A/D conversion is completed and ADSF is reset
Timer Y interrupt request flag
0
[Clearing condition]
When IRRTY is 1, it is cleared
by writing 0 to IRRTYC
1
[Setting condition]
When the timer Y counter value
overflows (from H'FFFF to H'0000)
Timer G interrupt request flag
0
[Clearing condition]
When IRRTG = 1, it is cleared by writing 0
1
[Setting condition]
When pin TMIG is set to TMIG input and the designated signal edge is detected
Timer FH interrupt request flag
0
[Clearing condition]
When IRRTFH = 1, it is cleared by writing 0
1
[Setting condition]
When counter FH matches output compare register
FH in 8-bit mode, or when 16-bit counter F (TCFL,
TCFH) matches 16-bit output compare register F
(OCRFL, OCRFH) in 16-bit mode
Timer FL interrupt request flag
0
[Clearing condition]
When IRRTFL = 1, it is cleared by writing 0
1
[Setting condition]
When TCFL matches in 8-bit mode
Timer Y interrupt request clear flag
This is a special bit for clearing the
IRRTY interrupt request flag. Writing
0 to this bit clears bit 1 (IRRTY) to 0.
Note that writing 0 to this bit does not
give the bit itself a value of 0.
This bit is always read as 1, and only
a write of 0 to this bit is valid.
Note: This bit is read-only. It is cleared
by writing 0 to bit 0 (IRRTYC).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com