Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 128 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 128 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 124Page - Renesas Technology Corp HD6433637SW Datasheet HTML 125Page - Renesas Technology Corp HD6433637SW Datasheet HTML 126Page - Renesas Technology Corp HD6433637SW Datasheet HTML 127Page - Renesas Technology Corp HD6433637SW Datasheet HTML 128Page - Renesas Technology Corp HD6433637SW Datasheet HTML 129Page - Renesas Technology Corp HD6433637SW Datasheet HTML 130Page - Renesas Technology Corp HD6433637SW Datasheet HTML 131Page - Renesas Technology Corp HD6433637SW Datasheet HTML 132Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 128 / 418 page
background image
114
Table 6.4
AC Characteristics
(Conditions: V
CC = 6.0 V ±0.25 V, VPP = 12.5 V ±0.3 V, Ta = 25°C ±5°C)
Item
Symbol
Min
Typ
Max
Unit
Test
Conditions
Address setup time
t
AS
2—
—
µs
Figure 6.5*
1
OE setup time
t
OES
2—
—
µs
Data setup time
t
DS
2—
—
µs
Address hold time
t
AH
0—
—
µs
Data hold time
t
DH
2—
—
µs
Data output disable time
t
DF*
2
—
—
130
ns
V
PP setup time
t
VPS
2—
—
µs
Programming pulse width
t
PW
0.19
0.20
0.21
ms
PGM pulse width for over-
programming
t
OPW*
3
0.19
—
5.25
ms
V
CC setup time
t
VCS
2—
—
µs
CE setup time
t
CES
2—
—
µs
Data output delay time
t
OE
0
—
200
ns
Notes: 1. Input pulse level: 0.45 V to 2.4 V
Input rise time/fall time
≤ 20 ns
Timing reference levels: Input:
0.8 V, 2.0 V
Output: 0.8 V, 2.0 V
2. t
DF is defined at the point at which the output is floating and the output level cannot be
read.
3. t
OPW is defined by the value given in the hi-speed, hi-reliability programming flow chart in
figure 6.4.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com