Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 160 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 160 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 156Page - Renesas Technology Corp HD6433637SW Datasheet HTML 157Page - Renesas Technology Corp HD6433637SW Datasheet HTML 158Page - Renesas Technology Corp HD6433637SW Datasheet HTML 159Page - Renesas Technology Corp HD6433637SW Datasheet HTML 160Page - Renesas Technology Corp HD6433637SW Datasheet HTML 161Page - Renesas Technology Corp HD6433637SW Datasheet HTML 162Page - Renesas Technology Corp HD6433637SW Datasheet HTML 163Page - Renesas Technology Corp HD6433637SW Datasheet HTML 164Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 160 / 418 page
background image
146
Port Data Register 7 (PDR7)
Bit
76543210
P7
7
P7
6
P7
5
P7
4
P7
3
P7
2
P7
1
P7
0
Initial value
00000000
Read/Write
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
PDR7 is an 8-bit register that stores data for port 7 pins P7
7 to P70. If port 7 is read while PCR7
bits are set to 1, the values stored in PDR7 are directly read, regardless of the actual pin states. If
port 7 is read while PCR7 bits are cleared to 0, the pin states are read.
Upon reset, PDR7 is initialized to H'00.
Port Control Register 7 (PCR7)
Bit
76543210
PCR7
7
PCR7
6
PCR7
5
PCR7
4
PCR7
3
PCR7
2
PCR7
1
PCR7
0
Initial value
00000000
Read/Write
WWWWWWWW
PCR7 is an 8-bit register for controlling whether each of the port 7 pins P7
7 to P70 functions as an
input pin or output pin. Setting a PCR7 bit to 1 makes the corresponding pin an output pin, while
clearing the bit to 0 makes the pin an input pin.
Upon reset, PCR7 is initialized to H'00.
PCR7 is a write-only register. All bits are read as 1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com