Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 244 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 244 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 240Page - Renesas Technology Corp HD6433637SW Datasheet HTML 241Page - Renesas Technology Corp HD6433637SW Datasheet HTML 242Page - Renesas Technology Corp HD6433637SW Datasheet HTML 243Page - Renesas Technology Corp HD6433637SW Datasheet HTML 244Page - Renesas Technology Corp HD6433637SW Datasheet HTML 245Page - Renesas Technology Corp HD6433637SW Datasheet HTML 246Page - Renesas Technology Corp HD6433637SW Datasheet HTML 247Page - Renesas Technology Corp HD6433637SW Datasheet HTML 248Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 418 page
background image
230
Bit 5—Transmit Enable (TE): Bit 5 enables or disables the start of a transmit operation.
Bit 5: TE
Description
0
Transmit operation disabled*
1 (TXD is the transmit data pin)
(initial value)
1
Transmit operation enabled*
2 (TXD is the transmit data pin)
Notes: 1. The transmit data register empty bit (TDRE) in the serial status register (SSR) is fixed
at 1. Transmit operations are disabled, but the TXD pin functions as the transmit data
pin. To use the TXD pin as an I/O pin, clear bit TXD in PMR6 to 0.
2. In this state, writing transmit data in TDR clears bit TDRE in SSR to 0 and starts serial
data transmission.
Before setting TE to 1 it is necessary to set the transmit format in SMR.
Bit 4—Receive Enable (RE): Bit 4 enables or disables the start of a receive operation.
Bit 4: RE
Description
0
Receive operation disabled*
1 (RXD is a general I/O port)
(initial value)
1
Receive operation enabled*
2 (RXD is the receive data pin)
Notes: 1. When RE is cleared to 0, this has no effect on the SSR flags RDRF, FER, PER, and
OER, which retain their states.
2. Serial data receiving begins when, in this state, a start bit is detected in asynchronous
mode, or serial clock input is detected in synchronous mode.
Before setting RE to 1 it is necessary to set the receive format in SMR.
Bit 3—Multiprocessor Interrupt Enable (MPIE): Bit 3 enables or disables multiprocessor
interrupt requests. This setting is valid only in asynchronous mode, and only when the
multiprocessor mode bit (MP) in the serial mode register (SMR) is set to 1. It applies only to data
receiving. This bit is ignored when COM is set to 1 or when bit MP is cleared to 0.
Bit 3: MPIE
Description
0
Multiprocessor interrupt request disabled (ordinary receive operation)
(initial value)
[Clearing condition]
Multiprocessor bit receives a data value of 1
1
Multiprocessor interrupt request enabled*
Note: * SCI3 does not transfer receive data from RSR to RDR, does not detect receive errors, and
does not set status flags RDRF, FER, and OER in SSR. Until a multiprocessor bit value of 1
is received, the receive data full interrupt (RXI) and receive error interrupt (ERI) are
disabled and serial status register (SSR) flags RDRF, FER, and OER are not set. When the
multiprocessor bit receives a 1, the MPBR bit of SSR is set to 1, MPIE is automatically
cleared to 0, RXI and ERI interrupts are enabled (provided bits TIE and RIE in SCR3 are
set to 1), and setting of the RDRF, FER, and OER flags is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com