Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 287 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 287 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 283Page - Renesas Technology Corp HD6433637SW Datasheet HTML 284Page - Renesas Technology Corp HD6433637SW Datasheet HTML 285Page - Renesas Technology Corp HD6433637SW Datasheet HTML 286Page - Renesas Technology Corp HD6433637SW Datasheet HTML 287Page - Renesas Technology Corp HD6433637SW Datasheet HTML 288Page - Renesas Technology Corp HD6433637SW Datasheet HTML 289Page - Renesas Technology Corp HD6433637SW Datasheet HTML 290Page - Renesas Technology Corp HD6433637SW Datasheet HTML 291Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 287 / 418 page
background image
273
Section 11 DTMF Generator
11.1
Overview
The H8/3637S Series has an on-chip dual-tone multifrequency (DTMF) generator that can
generate DTMF signals.
A DTMF signal accesses a telephone switching system by a pair of sine waves. Figure 11.1 shows
the frequency matrix. The DTMF generator generates frequencies corresponding to the numbers
and symbols on the keypad of a telephone set or facsimile machine.
1
4
7
2
5
8
0
3
6
9
#
A
B
C
D
R1 (697 Hz)
R2 (770 Hz)
R3 (852 Hz)
R4 (941 Hz)
Figure 11.1 DTMF Frequencies



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com