Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 301 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 301 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 297Page - Renesas Technology Corp HD6433637SW Datasheet HTML 298Page - Renesas Technology Corp HD6433637SW Datasheet HTML 299Page - Renesas Technology Corp HD6433637SW Datasheet HTML 300Page - Renesas Technology Corp HD6433637SW Datasheet HTML 301Page - Renesas Technology Corp HD6433637SW Datasheet HTML 302Page - Renesas Technology Corp HD6433637SW Datasheet HTML 303Page - Renesas Technology Corp HD6433637SW Datasheet HTML 304Page - Renesas Technology Corp HD6433637SW Datasheet HTML 305Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 301 / 418 page
background image
287
Bit 7—Clock Select (CKS): Bits CKS and CKS1 select the A/D conversion speed.
Conversion Time
Bit 5: CKS1
Bit 7: CKS
Conversion Period
ø = 2 MHz
ø = 5 MHz
0
0
Reserved (initial value)
—
—
1
124/ø
62
µs
24.8
µs
1
0
62/ø
31
µs
12.4
µs
1
31/ø
15.5
µs—*
Note: * Operation is not guaranteed if the conversion time is less than 12.4
µs. Set the bits to get a
value of at least 12.4
µs.
Bit 6—External Trigger Select (TRGE): Bit 6 enables or disables the start of A/D conversion by
external trigger input.
Bit 6: TRGE
Description
0
Disables start of A/D conversion by external trigger
(initial value)
1
Enables start of A/D conversion by rising or falling edge of external trigger at
pin
ADTRG*
Note: * The external trigger (
ADTRG) edge is selected by bit IEG4 of the interrupt edge select
register (IEGR). See 3.3.2 for details.
Bit 5—Clock Select 1 (CKS1): Bits CKS and CKS1 select the A/D conversion speed. See bit 7,
clock select (CKS) for details.
Bit 4—Reserved Bit: Bit 4 is reserved; it is always read as 1, and cannot be modified.
Bits 3 to 0—Channel Select 3 to 0 (CH3 to CH0): Bits 3 to 0 select the analog input channel.
The channel selection should be made while bit ADSF is cleared to 0.
Bit 3:
CH3
Bit 2:
CH2
Bit 1:
CH1
Bit 0:
CH0
Analog Input Channel
00
**
No channel selected
(initial value)
1
**
Reserved
1000AN
4
1AN
5
10AN
6
1AN
7
1
**
Reserved
Note: * Don’t care



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com