Electronic Components Datasheet Search
  English  ▼

X  

HD6433637SW Datasheet(PDF) 314 Page - Renesas Technology Corp

Part # HD6433637SW
Description  8-Bit Microcomputer
PDF  418 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

HD6433637SW Datasheet(HTML) 314 Page - Renesas Technology Corp

Back Button HD6433637SW Datasheet HTML 310Page - Renesas Technology Corp HD6433637SW Datasheet HTML 311Page - Renesas Technology Corp HD6433637SW Datasheet HTML 312Page - Renesas Technology Corp HD6433637SW Datasheet HTML 313Page - Renesas Technology Corp HD6433637SW Datasheet HTML 314Page - Renesas Technology Corp HD6433637SW Datasheet HTML 315Page - Renesas Technology Corp HD6433637SW Datasheet HTML 316Page - Renesas Technology Corp HD6433637SW Datasheet HTML 317Page - Renesas Technology Corp HD6433637SW Datasheet HTML 318Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 314 / 418 page
background image
300
14.2
Electrical Characteristics
14.2.1
Power Supply Voltage and Operating Range
The power supply voltage and operating range are indicated by the shaded region in the figures
below.
Note:
Caution is required during development, since the guaranteed operating ranges of the chip
and development tools are different.
Power Supply Voltage vs. Oscillator Frequency Range
10.0
2.7
2.2*
4.0
5.5
V
(V)
CC
32.768
2.7
4.0
5.5
V
(V)
CC
•
•
Active mode (high and medium speeds)
Sleep mode
• All operating modes
5.0
2.0
Note: * The oscillation start voltage is 2.5 V.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com