Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 114 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 114 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 110Page - Renesas Technology Corp 7641 Datasheet HTML 111Page - Renesas Technology Corp 7641 Datasheet HTML 112Page - Renesas Technology Corp 7641 Datasheet HTML 113Page - Renesas Technology Corp 7641 Datasheet HTML 114Page - Renesas Technology Corp 7641 Datasheet HTML 115Page - Renesas Technology Corp 7641 Datasheet HTML 116Page - Renesas Technology Corp 7641 Datasheet HTML 117Page - Renesas Technology Corp 7641 Datasheet HTML 118Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 114 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 97 of 113
7641 Group
REJ09B0336-0200
HARDWARE
FLASH MEMORY MODE
Software Commands (Standard Serial I/O
Mode)
Table 14 lists software commands. In standard serial I/O mode,
erase, program and read are controlled by transferring software
2nd byte
Address
(middle)
3rd byte
Address
(high)
4th byte
Data
output
5th byte
Data
output
6th byte
Data
output
.....
Data
output to
259th byte
Data input
to 259th
byte
FF16
When ID is
not verified
Not
acceptable
1st byte
transfer
Notes1: Shading indicates transfer from the internal flash memory microcomputer to a programmer. All other data is transferred from an external equipment
(programmer) to the internal flash memory microcomputer.
2: SRD refers to status register data. SRD1 refers to status register 1 data.
3: All commands can be accepted for the products of which boot ROM area is totally blank.
4: Address low is AB0 to AB7; Address middle is AB8 to AB15; Address high is AB16 to AB23.
commands via the SRXD pin. Software commands are explained
here below.
Table 14 Software commands (Standard serial I/O mode)
1
Page read
4116
Address
(middle)
Address
(high)
Data
input
Data
input
Data
input
Not
acceptable
Not
acceptable
Not
acceptable
2016
Address
(middle)
Address
(high)
D016
A716
D016
7016
SRD
output
SRD1
output
Acceptable
5016
Not
acceptable
F516
Address
(low)
Size
(low)
Address
(middle)
Size
(high)
Address
(high)
Check-
sum
ID size
ID1
To ID7
Acceptable
FA16
Data
input
To
required
number
of times
Not
acceptable
FB16
Version
data
output
Address
(middle)
Version
data
output
Address
(high)
Version
data
output
Data
output
Version
data
output
Data
output
Version
data
output
Data
output
Version
data output
to 9th byte
Data
output to
259th byte
Acceptable
Not
acceptable
FC16
Control command
2
Page program
3
Block erase
4
Erase all blocks
5
Read status register
6
Clear status register
7
ID code check
8
Download function
9
Version data output function
10
Boot ROM area output
function



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com