Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 117 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 117 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 113Page - Renesas Technology Corp 7641 Datasheet HTML 114Page - Renesas Technology Corp 7641 Datasheet HTML 115Page - Renesas Technology Corp 7641 Datasheet HTML 116Page - Renesas Technology Corp 7641 Datasheet HTML 117Page - Renesas Technology Corp 7641 Datasheet HTML 118Page - Renesas Technology Corp 7641 Datasheet HTML 119Page - Renesas Technology Corp 7641 Datasheet HTML 120Page - Renesas Technology Corp 7641 Datasheet HTML 121Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 117 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 100 of 113
7641 Group
REJ09B0336-0200
HARDWARE
FLASH MEMORY MODE
qBlock Erase Command
This command erases the contents of the specifided block. Ex-
ecute the block erase command as explained here following.
(1) Transfer the “2016” command code with the 1st byte.
(2) Transfer addresses AB8 to AB15 and AB16 to AB23 with the 2nd
and 3rd bytes respectively.
(3) Transfer the verify command code “D016” with the 4th byte.
With the verify command code, the erase operation will start
for the specifided block in the flash memory. Set the addresses
AB8 to AB23 to the maximum address of the specified block.
2016
D016
SCLK
SRXD
STXD
SRDY(BUSY)
AB8 to
AB15
AB16 to
AB23
When block erasing ends, the SRDY (BUSY) signal changes from
“H” to “L” level. The result of the erase operation can be known by
reading the status register.
For more information, see the section on the status register.
Fig. 93 Timing for block erasing
qErase All Blocks Command
This command erases the contents of all blocks. Execute the
erase all blocks command as explained here following.
(1) Transfer the “A716” command code with the 1st byte.
(2) Transfer the verify command code “D016” with the 2nd byte.
With the verify command code, the erase operation will start
and continue for all blocks in the flash memory.
When erase all blocks end, the SRDY (BUSY) signal changes
from “H” to “L” level. The result of the erase operation can be
known by reading the status register.
A716
D016
SCLK
SRXD
STXD
SRDY (BUSY)
Fig. 94 Timing for erase all blocks



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com