Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 125 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 125 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 121Page - Renesas Technology Corp 7641 Datasheet HTML 122Page - Renesas Technology Corp 7641 Datasheet HTML 123Page - Renesas Technology Corp 7641 Datasheet HTML 124Page - Renesas Technology Corp 7641 Datasheet HTML 125Page - Renesas Technology Corp 7641 Datasheet HTML 126Page - Renesas Technology Corp 7641 Datasheet HTML 127Page - Renesas Technology Corp 7641 Datasheet HTML 128Page - Renesas Technology Corp 7641 Datasheet HTML 129Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 125 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 108 of 113
7641 Group
REJ09B0336-0200
HARDWARE
NOTES ON PROGRAMMING
Processor Status Register
•The contents of the processor status register (PS) after a reset
are undefined, except for the interrupt disable flag (I) which is “1”.
After a reset, initialize flags which affect program execution. In
particular, it is essential to initialize the index X mode (T) and the
decimal mode (D) flags because of their effect on calculations.
•To reference the contents of the processor status register (PS),
execute the PHP instruction once then read the contents of
(S+1). If necessary, execute the PLP instruction to return the PS
to its original status.
A NOP instruction must be executed after every PLP instruction.
•A SEI instruction must be executed before every PLP instruction.
A NOP instruction must be executed before every CLI instruction.
BRK Instruction
It can be detected that the BRK instruction interrupt event or the
least priority interrupt event by referring the stored B flag state.
Refer to the stored B flag state in the interrupt routine.
Decimal Calculations
When decimal mode is selected, the values of the V flags are in-
valid.
The carry flag (C) is set to “1” if a carry is generated as a result of
the calculation, or is cleared to “0” if a borrow is generated. To de-
termine whether a calculation has generated a carry, the C flag
must be initialized to “0” before each calculation. To check for a
borrow, the C flag must be initialized to “1” before each calcula-
tion.
Multiplication and Division Instructions
•The index X mode (T) and the decimal mode (D) flags do not af-
fect the MUL and DIV instruction.
Instruction Execution Time
The instruction execution time is obtained by multiplying the fre-
quency of the internal clock
φ by the number of cycles needed to
execute an instruction.
The number of cycles required to execute an instruction is shown
in the list of machine instructions.
Timers
•If a value n (between 0 and 255) is written to a timer latch, the
frequency division ratio is 1/(n+1).
•P51/XCOUT/TOUT pin cannot function as an I/O port when XCIN -
XCOUT is oscillating. When XCIN - XCOUT oscillation is not used or
XCOUT oscillation drive is disabled, this pin can function as the
TOUT output pin of the timer 1 or 2.
When using the TOUT output function and f(XCIN) divided by 2 is
used as the timer 1 count source (bit 2 of T123M = “1”), disable
XCOUT oscillation drive (bit 5 of CCR = “1”).
Ports
•When the data register (port latch) of an I/O port is modified with
the bit managing instruction (SEB, CLB instructions) the value of
the unspecified bit may be changed.
•In standby state (the stop mode by executing the STP instruction,
and the wait mode by executing the WIT instruction) for low-
power dissipation, do not make input levels of an I/O port
“undefined”, especially for I/O ports of the P-channel and the N-
channel open-drain.
Pull-up (connect the port to Vcc) or pull-down (connect the port to
Vss) these ports through a resistor.
When determining a resistance value, note the following points:
(1) External circuit
(2) Variation of output levels during the ordinary operation
When using built-in pull-up or pull-down resistor, note on varied
current values.
(1) When setting as an input port : Fix its input level
(2) When setting as an output port : Prevent current from flowing
out to external
Serial I/O
Do not write to the serial I/O shift register during a transfer when in
SPI compatible mode.
UART
•The all error flags PER, FER, OER and SER are cleared to “0”
when the UARTx status register is read, at the hardware reset or
initialization by setting the Transmit Initialization Bit. These flags
are also cleared to “0” by execution of bit test instructions such as
BBC and BCS.
•The transmission interrupt request bit is set and the interrupt re-
quest is generated by setting the transmit enable bit to “1” even
when selecting timing that either of the following flags is set to “1”
as timing where the transmission interrupt is generated:
(1) Transmit buffer empty flag is set to “1”
(2) Transmit complete flag is set to “1”.
Therefore, when the transmit interrupt is used, set the transmit in-
terrupt enable bit to transmit enabled as the following sequence:
(1) Transmit enable bit is set to “1”
(2) Transmit interrupt request bit is set to “0”
(3) Transmit interrupt enable bit is set to “1”.
•Do not update a value of UARTx baud rate generator in the con-
dition of transmission enabled or reception enabled. Disable
transmission and reception before updating the value. If the
former data remains in the UARTx transmit buffer registers 1 and
2 when transmission is enabled, an undefined data might be out-
put.
•The receive buffer full interrupt request is not generated if receive
errors are detected at receiving.
NOTES ON PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com