Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 127 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 127 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 123Page - Renesas Technology Corp 7641 Datasheet HTML 124Page - Renesas Technology Corp 7641 Datasheet HTML 125Page - Renesas Technology Corp 7641 Datasheet HTML 126Page - Renesas Technology Corp 7641 Datasheet HTML 127Page - Renesas Technology Corp 7641 Datasheet HTML 128Page - Renesas Technology Corp 7641 Datasheet HTML 129Page - Renesas Technology Corp 7641 Datasheet HTML 130Page - Renesas Technology Corp 7641 Datasheet HTML 131Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 127 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 110 of 113
7641 Group
REJ09B0336-0200
HARDWARE
Frequency Synthesizer
•The frequency synthesizer and DC-DC converter must be set up
as follows when recovering from a Hardware Reset:
(1) Enable the frequency synthesizer after setting the frequency
synthesizer related registers (addresses 006C16 to 006F16).
Then wait for 2 ms.
(2) Check the Frequency Synthesizer Lock Status Bit. If “0”, wait
for 0.1 ms and then recheck.
(3) When using the USB built-in DC-DC converter, set the USB
Line Driver Supply Enable Bit of the USB control register to
“1”. This setting must be done 2 ms or more after the setup
described in step (1). The USB Line Driver Current Control Bit
must be set to “0” at this time. (When Vcc = 3.3V, the setting
explained in this step is not necessary.)
(4) After waiting for (C + 1) ms so that the external capacitance
pin (Ext. Cap. pin) can reach approximately 3.3 V, set the
USB Clock Enable Bit to “1”. At this time, “C” equals the ca-
pacitance (
µ F) of the capacitor connected to the Ext. Cap.
pin. For example, if 2.2
µF and 0.1 µF capacitors are con-
nected to the Ext. Cap. in parallel, the required wait will be
(2.3 + 1) ms.
(5) After enabling the USB clock, wait for 4 or more
φ cycles, and
then set the USB Enable Bit to “1”.
•Bits 6 and 5 of the frequency synthesizer control register (ad-
dress 006C16) are initialized to “11” after reset release. Make
sure to set bits 6 and 5 to “10” after the Frequency Synthesizer
Lock Status Bit goes to “1”.
•When using the frequency synthesized clock function, we recom-
mend using the fastest frequency possible of f(XIN) or f(XCIN) as
an input clock for the PLL. Owing to the PLL mechanism, the PLL
controls the speed of multiplied clocks from the source clock. As
a result, when the source clock input is lower, the generated clock
becomes less stable. This is because more multipliers are
needed and the speed control is very rough. Higher source clock
input generates a stabler clock, as less multipliers are needed
and the speed control is more accurate. However, if the input
clock frequency is relatively high, the PLL clock generator can
quickly lock-up the output clock to the source and make the out-
put clock very stable.
•Set the value of frequency synthesizer multiply register 2 (FSM2)
so that the fPIN is 1 MHZ or higher.
DMA
•In the memory expansion mode and microprocessor mode, the
DMAOUT pin outputs “H” during a DMA transfer.
•Do not access the DMAC-related registers by using a DMAC
transfer. The destination address data and the source address
data will collide in the DMAC internal bus.
•When using the USB FIFO as the DMA transfer source, make
sure that, if you use the AUTO_SET function, short packet data
does not get mixed in with the transfer data.
•When setting the DMAC channel x enable bit (bit 7 of address
004116) to “1”, be sure simultaneously to set the DMAC channel x
transfer initiation source capture register reset bit (bit 6 of ad-
dress 004116) to “1”. If this is not performed, an incorrect data will
be transferred at the same time when the DMAC is enabled.
Memory Expansion Mode & Microprocessor
Mode
•In both memory expansion mode and microprocessor mode, use
the LDM instruction or STA instruction to write to port P3 (address
000E16). When using the Read-Modify-Write instruction (SEB in-
struction, CLB instruction) you will need to map a memory that
the CPU can read from and write to.
•In the memory expansion mode, if the internal and external
memory areas overlap, the internal memory becomes the valid
memory for the overlapping area. When the CPU performs a read
or a write operation on this overlapped area, the following things
happen:
(1) Read
The CPU reads out the data in the internal memory instead of
in the external memory. Note that, since the CPU will output a
proper read signal, address signal, etc., the memory data at
the respective address will appear on the external data bus.
(2) Write
The CPU writes data to both the internal and external memo-
ries.
•The wait function is serviceable at accessing an external memory.
Stop Mode
•When the STP instruction is executed, bit 7 of the clock control
register (address 001F16) goes to “0”. To return from stop mode,
reset CCR7 to “1”.
•When using fSYN (set Internal System Clock Select Bit (CPMA6)
to “1”) as the internal system clock, switch CPMA6 to “0” before
executing the STP instruction. Reset CPMA6 after the system re-
turns from Stop Mode and the frequency synthesizer has
stabilized.
CPMA6 does not need to be switched to “0” when using the WIT
instruction.
•When the STP instruction is being executed, all bits except bit 4
of the timer 123 mode register (address 002916) are initialized to
“0”. It is not necessary to set T123M1 (Timer 1 Count Stop Bit) to
“0” before executing the STP instruction. After returning from Stop
Mode, reset the timer 1 (address 002416), timer 2 (address
002516), and the timer 123 mode register (address 002916).
NOTES ON PROGRAMMING



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com