Electronic Components Datasheet Search
  English  ▼

X  

7641 Datasheet(PDF) 139 Page - Renesas Technology Corp

Part # 7641
Description  8-BIT SINGLE-CHIP MICROCOMPUTER
PDF  385 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

7641 Datasheet(HTML) 139 Page - Renesas Technology Corp

Back Button 7641 Datasheet HTML 135Page - Renesas Technology Corp 7641 Datasheet HTML 136Page - Renesas Technology Corp 7641 Datasheet HTML 137Page - Renesas Technology Corp 7641 Datasheet HTML 138Page - Renesas Technology Corp 7641 Datasheet HTML 139Page - Renesas Technology Corp 7641 Datasheet HTML 140Page - Renesas Technology Corp 7641 Datasheet HTML 141Page - Renesas Technology Corp 7641 Datasheet HTML 142Page - Renesas Technology Corp 7641 Datasheet HTML 143Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 385 page
background image
Rev.2.00
Aug 28, 2006
page 8 of 148
7641 Group
REJ09B0336-0200
APPLICATION
2.1 I/O port
Fig. 2.1.12 Control procedure
Fig. 2.1.11 Connection diagram
7641 group
P20
P21
P22
P23
P24
P2i (i : 0 to 4)
Key ON
P2D
PUP2
PTC
(address 0D16)
(address 1216)
(address 1016)
RESET
IREQC,bit6
ICONC,bit6
0
1
(address 0416)
(address 0716)
RTI
XXX000002
XXX111112
X0XXXXXX2
Initialization
q X: This bit is not used here. Set it to “0” or “1” arbitrarily.
•Set to input mode
•Pull-up enabled
•Reduced VIHL level
WIT
Power down process
Key input interrupt routine
Key input interrupt process
Process continued
•Set key input interrupt request bit to “0”
•Key input interrupt enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com