Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 353 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 353 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 349Page - Renesas Technology Corp SH7018 Datasheet HTML 350Page - Renesas Technology Corp SH7018 Datasheet HTML 351Page - Renesas Technology Corp SH7018 Datasheet HTML 352Page - Renesas Technology Corp SH7018 Datasheet HTML 353Page - Renesas Technology Corp SH7018 Datasheet HTML 354Page - Renesas Technology Corp SH7018 Datasheet HTML 355Page - Renesas Technology Corp SH7018 Datasheet HTML 356Page - Renesas Technology Corp SH7018 Datasheet HTML 357Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 353 / 431 page
background image
337
16.7.2
Program-Verify Mode
In program-verify mode, the data written in program mode is read to check whether it has been
correctly written in the flash memory.
After the elapse of a given programming time, the programming mode is exited (the P bit in
FLMCR1 is cleared, then the PSUn bit is cleared at least 5 µs later). The watchdog timer is cleared
after the elapse of 5 µs or more, and the operating mode is switched to program-verify mode by
setting the PV bit in FLMCR1. Before reading in program-verify mode, a dummy write of H'FF
data should be made to the addresses to be read. The dummy write should be executed after the
elapse of 4 µs or more. When the flash memory is read in this state (verify data is read in 32-bit
units), the data at the latched address is read. Wait at least 2 µs after the dummy write before
performing this read operation. Next, the written data is compared with the verify data, and
reprogram data is computed (see figure 16.12) and transferred to the reprogram data area. After
128 bytes of data have been verified, exit program verify mode, wait for at least 2 µs, clear the
SWE bit in FLMCR1, then wait for at least 100 µs. If reprogramming is necessary, set program
mode again, and repeat the program/program-verify sequence as before. However, ensure that the
program/program-verify sequence is not repeated more than 1,000 times on the same bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com