Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 355 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 355 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 351Page - Renesas Technology Corp SH7018 Datasheet HTML 352Page - Renesas Technology Corp SH7018 Datasheet HTML 353Page - Renesas Technology Corp SH7018 Datasheet HTML 354Page - Renesas Technology Corp SH7018 Datasheet HTML 355Page - Renesas Technology Corp SH7018 Datasheet HTML 356Page - Renesas Technology Corp SH7018 Datasheet HTML 357Page - Renesas Technology Corp SH7018 Datasheet HTML 358Page - Renesas Technology Corp SH7018 Datasheet HTML 359Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 355 / 431 page
background image
339
Sample 128-Byte Programming Program: The wait time set values (number of loops) are for
the case where f = 20 MHz. For other frequencies, the set value is given by {wait time (µs)
× f
(MHz) ÷ 4}.
Registers Used
R11 (input):
Program data storage address
R12 (input):
Programming destination address
R13 (output):
OK (normal) or NG (error)
R0–10, 14:
Work registers
FLMCR1
.EQU
H'80
OK
.EQU
H'0
NG
.EQU
H'1
WAIT_X
.EQU
5
; 1
µs
WAIT_Y
.EQU
250
; 50
µs
WAIT_Z1
.EQU
150
; 30
µs (1st to 6th time)
WAIT_Z5
.EQU
1000
; 200
µs (7th to 1000th time)
WAIT_ZA
.EQU
50
; 10
µs (Additional write)
WAIT_A
.EQU
25
; 5
µs
WAIT_B
.EQU
25
; 5
µs
WAIT_C
.EQU
20
; 4
µs
WAIT_D
.EQU
10
; 2
µs
WAIT_E
.EQU
10
; 2
µs
WAIT_F
.EQU
500
; 100
µs
WDT_TCSR .EQU
H'FFFF8610
WDT_1m
.EQU
H'A57A
SWESET
.EQU
H'40
; B'01000000
PSUSET
.EQU
H'50
; B'01010000
PSET
.EQU
H'51
; B'01010001
PCLEAR
.EQU
H'50
; B'01010000
PSUCLEAR .EQU
H'40
; B'01000000
PVSET
.EQU
H'44
; B'01000100
PVCLEAR
.EQU
H'40
; B'01000000
SWECLEAR .EQU
H'00
; B'00000000
MAXVERIFY
.EQU
1000
;
FLASHPROGRAM
.EQU
$
MOV
R11,R3
; Save program data to
MOV.L
#RDATABUFF,R0
; work area



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com