Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 359 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 359 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 355Page - Renesas Technology Corp SH7018 Datasheet HTML 356Page - Renesas Technology Corp SH7018 Datasheet HTML 357Page - Renesas Technology Corp SH7018 Datasheet HTML 358Page - Renesas Technology Corp SH7018 Datasheet HTML 359Page - Renesas Technology Corp SH7018 Datasheet HTML 360Page - Renesas Technology Corp SH7018 Datasheet HTML 361Page - Renesas Technology Corp SH7018 Datasheet HTML 362Page - Renesas Technology Corp SH7018 Datasheet HTML 363Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 359 / 431 page
background image
343
BF
VERIFYLOOP
;
MOV.L
#WAIT_E,R2
MOV
#PVCLEAR,R0
; Clear PV
MOV.B
R0,@(FLMCR1,GBR)
WAIT_8
DT
R2
; Wait 2
µs
BF
WAIT_8
;
MOV
#6,R8
; 6 or more writes?
CMP/GE
R14,R8
BF
NO_ADWRT2
;
MOV.L
#128,R2
; Consecutively write 128-byte date to
MOV.L
#ADATABUFF,R3
; additional program data RAM (ADATABUFF)
MOV
R12,R6
WRITE_LOOP2
.EQU
$
MOV.B
@R3+,R1
MOV.B
R1,@R6
ADD
#1,R6
DT
R2
BF
WRITE_LOOP2
;
MOV.L
#WDT_TCSR,R0
; Enable WDT
MOV.L
#WDT_1m,R1
; 1.6 ms cycle
MOV.W
R1,@R0
;
MOV.L
#WAIT_Y,R2
MOV
#PSUSET,R0
; Set PSU
MOV.B
R0,@(FLMCR1,GBR)
WAIT_9
DT
R2
; Wait 50
µs
BF
WAIT_9
;
MOV.L
#WAIT_ZA,R2
; 10 µs additional write
MOV
#PSET,R0
; Set P
MOV.B
R0,@(FLMCR1,GBR)
WAIT_10 DT
R2
; Wait 10
µs
BF
WAIT_10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com