Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 361 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 361 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 357Page - Renesas Technology Corp SH7018 Datasheet HTML 358Page - Renesas Technology Corp SH7018 Datasheet HTML 359Page - Renesas Technology Corp SH7018 Datasheet HTML 360Page - Renesas Technology Corp SH7018 Datasheet HTML 361Page - Renesas Technology Corp SH7018 Datasheet HTML 362Page - Renesas Technology Corp SH7018 Datasheet HTML 363Page - Renesas Technology Corp SH7018 Datasheet HTML 364Page - Renesas Technology Corp SH7018 Datasheet HTML 365Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 361 / 431 page
background image
345
BF
WAIT_13
;
RTS
NOP
;
ADATABUFF
.RES.B 128
; Additional programming RAM area
RDATABUFF
.RES.B 128
; Reprogramming RAM area
16.7.3
Erase Mode
Flash memory is erased one block at a time using the method shown in figure 16.13, Erase/Erase-
Verify Flowchart (Single-Block Erasure).
To perform data or program erasure, set the 1-bit flash memory area to be erased in erase block
register 1 (EBR1) and erase block register 2 (EBR2) at least 1 µs after setting the SWE bit to 1 in
flash memory control register 1 (FLMCR1). Next, the watchdog timer is set to prevent
overprogramming in the event of program runaway, etc. After this, preparation for erase mode
(erase setup) is carried out by setting the ESU bit in FLMCR1, and after the elapse of 100 µs or
more, the operating mode is switched to erase mode by setting the E bit in FLMCR1. The time
during which the E bit is set is the flash memory erase time. Ensure that the erase time does not
exceed 10 ms.
Note:
With flash memory erasing, preprogramming (setting all memory data in the memory to
be erased to all “0”) is not necessary before starting the erase procedure.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com