Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 365 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 365 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 361Page - Renesas Technology Corp SH7018 Datasheet HTML 362Page - Renesas Technology Corp SH7018 Datasheet HTML 363Page - Renesas Technology Corp SH7018 Datasheet HTML 364Page - Renesas Technology Corp SH7018 Datasheet HTML 365Page - Renesas Technology Corp SH7018 Datasheet HTML 366Page - Renesas Technology Corp SH7018 Datasheet HTML 367Page - Renesas Technology Corp SH7018 Datasheet HTML 368Page - Renesas Technology Corp SH7018 Datasheet HTML 369Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 365 / 431 page
background image
349
MOV,L
#EWait_X,R3
MOV.L
#FLMCR1,R0
OR.B
#SWESET,@(R0,GBR)
; Set SWE
EWait_1
SUBC
R2,R3
; Wait 1 µs
BF
EWait_1
;
MOV.L
#0,R9
; Initialize n (R9) to 0
;
MOV.W
@(6,R5),R0
MOV.W
R0,@(EBR1,GBR)
; Erase memory block (EBR1/2) setting
MOV.L
@R5,R6
; Erase memory block start address
→
; R6 setting
;
EraseLoop
.EQU
$
MOV.L
#WDT_TCSR,R1
; Enable WDT
MOV.W
#WDT_6m,R3
; 6.5 ms cycle
MOV.W
R3,@R1
MOV.L
#EWait_Y,R3
MOV.L
#FLMCR1,R0
OR.B
#ESUSET,@(R0,GBR)
; Set ESU
EWait_2
SUBC
R2,R3
; Wait 100 µs
BF
EWait_2
;
MOV.L
#EWait_Z,R3
OR.B
#ESET,@(R0,GBR)
; Set E
EWait_3
SUBC
R2,R3
; Wait 10 ms
BF
EWait_3
;
MOV.L
#EWait_a,R3
AND.B
#ECLEAR,@(R0,GBR)
; Clear E
EWait_4
SUBC
R2,R3
; Wait 10 µs
BF
EWait_4
;
MOV.L
#EWait_b,R3
AND.B
#ESUCLEAR,@(R0,GBR)
; Clear ESU
EWait_5
SUBC
R2,R3
; Wait 10 µs
BF
EWait_5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com