Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 363 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 363 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 359Page - Renesas Technology Corp SH7018 Datasheet HTML 360Page - Renesas Technology Corp SH7018 Datasheet HTML 361Page - Renesas Technology Corp SH7018 Datasheet HTML 362Page - Renesas Technology Corp SH7018 Datasheet HTML 363Page - Renesas Technology Corp SH7018 Datasheet HTML 364Page - Renesas Technology Corp SH7018 Datasheet HTML 365Page - Renesas Technology Corp SH7018 Datasheet HTML 366Page - Renesas Technology Corp SH7018 Datasheet HTML 367Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 363 / 431 page
background image
347
End of erase
Start
Set SWE bit in FLMCR1
Set ESU bit in FLMCR1
Set E bit in FLMCR1
Wait 1
µs
Wait 100
µs
n = 1
Set EBR1/EBR2
Enable WDT
*3
Wait 10 ms
Wait 10
µs
Wait 10
µs
Wait 6
µs
Set block start address to verify address
Wait 2
µs
*2
Wait 4
µs
*4
Start of erase
Clear E bit in FLMCR1
Clear ESU bit in FLMCR1
Set EV bit in FLMCR1
H'FF dummy write to verify address
Read verify data
Clear EV bit in FLMCR1
Wait 4
µs
Clear EV bit in FLMCR1
Clear SWE bit in FLMCR1
Disable WDT
Erase halted
*1
Verify data = all “1”?
Last address of block?
Erasing
of all erase blocks
completed?
Erase failure
Clear SWE bit in FLMCR1
Wait 100
µs
Wait 100
µs
n
≥ 100?
No
No
No
No
Yes
Yes
Yes
Yes
n
← n + 1
Increment
address
Notes: 1. Preprogramming (setting erase block data to all “0”) is not necessary.
2. Verify data is read in 32-bit (longword) units.
3. Set only one bit in the erase block register (EBR). Two or more bits must not be set.
4. Erasing is performed in block units. For a multiple-block erase, the individual blocks must be erased sequentially.
Figure 16.13 Erase/Erase-Verify Flowchart (Single-Block Erase)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com