Electronic Components Datasheet Search
  English  ▼

X  

SH7018 Datasheet(PDF) 377 Page - Renesas Technology Corp

Part # SH7018
Description  SuperH??RISC engine
PDF  431 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

SH7018 Datasheet(HTML) 377 Page - Renesas Technology Corp

Back Button SH7018 Datasheet HTML 373Page - Renesas Technology Corp SH7018 Datasheet HTML 374Page - Renesas Technology Corp SH7018 Datasheet HTML 375Page - Renesas Technology Corp SH7018 Datasheet HTML 376Page - Renesas Technology Corp SH7018 Datasheet HTML 377Page - Renesas Technology Corp SH7018 Datasheet HTML 378Page - Renesas Technology Corp SH7018 Datasheet HTML 379Page - Renesas Technology Corp SH7018 Datasheet HTML 380Page - Renesas Technology Corp SH7018 Datasheet HTML 381Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 377 / 431 page
background image
361
HD64F7018 (100 Pins)
Pin No.
Pin Name
2
3
4
5
6
7
9
10
11
12
13
14
16
17
18
19
20
26
42
44
37
53
54
56
58
59
60
61
62
70
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
CE
OE
WE
D7
D6
D5
D4
D3
D2
D1
D0
FWE
HN28F101P (32 Pins)
Pin No.
Pin Name
12
11
10
9
8
7
6
5
27
26
23
25
4
28
29
3
2
30
22
24
31
21
20
19
18
17
15
14
13
1
32
16
A0
A1
A2
A3
A4
A5
A6
A7
A8
A9
A10
A11
A12
A13
A14
A15
A16
A17
CE
OE
WE
I/O7
I/O6
I/O5
I/O4
I/O3
I/O2
I/O1
I/O0
FWE
VCC
VSS
66
68
51
Other than the above
15,30,39,45,52,55,67,69,72,73,
74,79,99,100
1,8,22,25,32,43,57,65,71,76,89,
96
VCC *
VSS
Power-on
reset circuit
Oscillator circuit
Legend
A0 to A17
I/O0 to I/O7
CE
OE
WE
FWE
: Address input
: Data input/output
: Chip enable
: Output enable
: Write enable
: Flash write enable
Note: * Includes NMI as well as MD0, MD1, MD2, and MD3.
Socket Adapter
(Conversion to 32-
Pin Arrangement)
XTAL
EXTAL
RES
N.C. (OPEN)
Figure 16.18 Socket Adapter Pin Correspondence Diagram



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com